Electronic Components Datasheet Search
  English  ▼

X  

ADR434ARZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADR434ARZ
Description  Ultralow Noise XFET Voltage References with Current Sink and Source Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR434ARZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADR434ARZ Datasheet HTML 16Page - Analog Devices ADR434ARZ Datasheet HTML 17Page - Analog Devices ADR434ARZ Datasheet HTML 18Page - Analog Devices ADR434ARZ Datasheet HTML 19Page - Analog Devices ADR434ARZ Datasheet HTML 20Page - Analog Devices ADR434ARZ Datasheet HTML 21Page - Analog Devices ADR434ARZ Datasheet HTML 22Page - Analog Devices ADR434ARZ Datasheet HTML 23Page - Analog Devices ADR434ARZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. J | Page 21 of 24
V–
V+
+
–
VIN
N1
VIN
VOUT
TRIM
GND
5V
U2
2N7002
AD8601
U1
ADR431
VO
RL
25Ω
2
6
5
4
PRECISION BOOSTED OUTPUT REGULATOR
A precision voltage output with boosted current capability can
be realized with the circuit shown in Figure 43. In this circuit,
U2 forces VO to be equal to VREF by regulating the turn-on of
N1. Therefore, the load current is furnished by VIN. In this
configuration, a 50 mA load is achievable at a VIN of 5 V. Moderate
heat is generated on the MOSFET, and higher current can be
achieved with a replacement of the larger device. In addition,
for a heavy capacitive load with step input, a buffer can be
added at the output to enhance the transient response.
Figure 43. Precision Boosted Output Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com