Electronic Components Datasheet Search
  English  ▼

X  

AD5545 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5545
Description  8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5545 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5545 Datasheet HTML 11Page - Analog Devices AD5545 Datasheet HTML 12Page - Analog Devices AD5545 Datasheet HTML 13Page - Analog Devices AD5545 Datasheet HTML 14Page - Analog Devices AD5545 Datasheet HTML 15Page - Analog Devices AD5545 Datasheet HTML 16Page - Analog Devices AD5545 Datasheet HTML 17Page - Analog Devices AD5545 Datasheet HTML 18Page - Analog Devices AD5545 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
DAC08
Rev. C | Page 15 of 20
RC damping of the output is difficult to prevent while main-
taining adequate sensitivity. However, the major carry from
01111111 to 10000000 provides an accurate indicator of settling
time. This code change does not require the normal 6.2 time
constants to settle to within ±0.2% of the final value, and thus
settling time is observed at lower values of IREF.
DAC08 switching transients or “glitches” are very low and can
be further reduced by small capacitive loads at the output at a
minor sacrifice in settling time. Fastest operation can be
obtained by using short leads, minimizing output capacitance
and load resistor values, and by adequate bypassing at the
supply, reference, and VLC terminals. Supplies do not require
large electrolytic bypass capacitors because the supply current
drain is independent of input logic states; 0.1 µF capacitors at
the supply pins provide full transient protection.
RREF
+15V
IOUT
VIN
R15
+VREF
0.01
µF
–15V
1k
Ω
1
µF
VL
MINIMUM
CAPACITANCE
+5V
0.1
µF
FOR TURN-ON, VL =2.7V
FOR TURN-OFF, VL =0.7V
1k
Ω
1
µF
2k
Ω
100k
Ω
50
µF
VOUT 1×
PROBE
15k
Ω
–15V
0.1
µF
14
15
4
2
5
13
6
7
8 9 10 11 12
316
0.1
µF
0.1
µF
DAC08
Q2
0V
0V
+0.4V
–0.4V
Q1
VCL
0.7V
Figure 33. Settling Time Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com