Electronic Components Datasheet Search
  English  ▼

X  

AD5547 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5547
Description  8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5547 Datasheet(HTML) 4 Page - Analog Devices

  AD5547 Datasheet HTML 1Page - Analog Devices AD5547 Datasheet HTML 2Page - Analog Devices AD5547 Datasheet HTML 3Page - Analog Devices AD5547 Datasheet HTML 4Page - Analog Devices AD5547 Datasheet HTML 5Page - Analog Devices AD5547 Datasheet HTML 6Page - Analog Devices AD5547 Datasheet HTML 7Page - Analog Devices AD5547 Datasheet HTML 8Page - Analog Devices AD5547 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DAC08
Rev. C | Page 4 of 20
DAC08A/DAC08H
DAC08E
DAC08C
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Power Supply Current
I+
VS = ±5 V, IREF = 1.0 mA
2.3
3.8
2.3
3.8
2.3
3.8
mA
I−
−4.3
−5.8
−4.3
−5.8
−4.3
−5.8
mA
I+
VS = +5 V, −15 V,
2.4
3.8
2.4
3.8
2.4
3.8
mA
I−
IREF = 2.0 mA
−6.4
−7.8
−6.4
−7.8
−6.4
−7.8
mA
I+
VS = ±15 V,
2.5
3.8
2.5
3.8
2.5
3.8
mA
I−
IREF = 2.0 mA
−6.5
−7.8
−6.5
−7.8
−6.5
−7.8
mA
Power Dissipation
PD
±5 V, IREF = 1.0 mA +5 V,
−15 V,
33
48
33
48
33
48
mW
IREF = 2.0 mA ±15 V, IREF =
2.0 mA
108
136
103
136
108
136
mW
135
174
135
174
135
174
mW
1 Guaranteed by design.
TYPICAL ELECTRICAL CHARACTERISTICS
VS = ±15 V, and IREF = 2.0 mA, unless otherwise noted. Output characteristics apply to both IOUT and IOUT.
Table 2.
Parameter
Symbol
Conditions
All Grades Typical
Unit
Reference Input Slew Rate
dI/dt
8
mA/µs
Propagation Delay
tPLH, tPHL
TA = 25°C, any bit
35
ns
Settling Time
tS
To ±1/2 LSB, all bits switched on or
off, TA = 25°C
85
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com