Electronic Components Datasheet Search
  English  ▼

X  

ADR434ARMZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADR434ARMZ
Description  Ultralow Noise XFET Voltage References with Current Sink and Source Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR434ARMZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADR434ARMZ Datasheet HTML 12Page - Analog Devices ADR434ARMZ Datasheet HTML 13Page - Analog Devices ADR434ARMZ Datasheet HTML 14Page - Analog Devices ADR434ARMZ Datasheet HTML 15Page - Analog Devices ADR434ARMZ Datasheet HTML 16Page - Analog Devices ADR434ARMZ Datasheet HTML 17Page - Analog Devices ADR434ARMZ Datasheet HTML 18Page - Analog Devices ADR434ARMZ Datasheet HTML 19Page - Analog Devices ADR434ARMZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. J | Page 16 of 24
THEORY OF OPERATION
The ADR43x series of references uses a reference generation
technique known as XFET (eXtra implanted junction FET).
This technique yields a reference with low supply current, good
thermal hysteresis, and exceptionally low noise. The core of the
XFET reference consists of two junction field-effect transistors
(JFETs), one of which has an extra channel implant to raise its
pinch-off voltage. By running the two JFETs at the same drain
current, the difference in pinch-off voltage can be amplified and
used to form a highly stable voltage reference.
The intrinsic reference voltage is around 0.5 V with a negative
temperature coefficient of about −120 ppm/°C. This slope is
essentially constant to the dielectric constant of silicon and can
be compensated closely by adding a correction term generated
in the same fashion as the proportional-to-temperature (PTAT)
term used to compensate band gap references. The primary
advantage of an XFET reference is its correction term, which is
~30 times lower and requires less correction than that of a band
gap reference. Because most of the noise of a band gap reference
comes from the temperature compensation circuitry, the XFET
results in much lower noise.
Figure 29 shows the basic topology of the ADR43x series. The
temperature correction term is provided by a current source
with a value designed to be proportional to absolute temperature.
The general equation is
VOUT = G (ΔVP – R1 × IPTAT)
(1)
where:
G is the gain of the reciprocal of the divider ratio.
ΔVP is the difference in pinch-off voltage between the two JFETs.
IPTAT is the positive temperature coefficient correction current.
ADR43x devices are created by on-chip adjustment of R2 and R3 to
achieve 2.048 V or 2.500 V, respectively, at the reference output.
**
IPTAT
I1
I1
*EXTRA CHANNEL IMPLANT
VOUT = G(∆VP – R1 × IPTAT)
R2
VIN
VOUT
GND
R3
R1
∆VP
ADR43x
Figure 29. Simplified Schematic Device
Power Dissipation Considerations
The ADR43x family of references is guaranteed to deliver load
currents to 10 mA with an input voltage that ranges from 4.1 V
to 18 V. When these devices are used in applications at higher
currents, use the following equation to account for the
temperature effects due to the power dissipation increases:
TJ = PD × θJA + TA
(2)
where:
TJ and TA are the junction and ambient temperatures, respectively.
PD is the device power dissipation.
θJA is the device package thermal resistance.
BASIC VOLTAGE REFERENCE CONNECTIONS
Voltage references, in general, require a bypass capacitor
connected from VOUT to GND. The circuit in Figure 30
illustrates the basic configuration for the ADR43x family
of references. Other than a 0.1 μF capacitor at the output to
help improve noise suppression, a large output capacitor at
the output is not required for circuit stability.
+
NOTES:
1. NC = NO CONNECT
2. TP = TEST PIN (DO NOT CONNECT)
1
2
3
45
8
6
7
ADR43x
TOP VIEW
(Not to Scale)
TP
COMP
VOUT
TRIM
TP
NC
GND
VIN
10µF
0.1µF
0.1µF
Figure 30. Basic Voltage Reference Configuration
NOISE PERFORMANCE
The noise generated by the ADR43x family of references is
typically less than 3.75 μV p-p over the 0.1 Hz to 10.0 Hz band
for ADR430, ADR431, and ADR433. Figure 22 shows the 0.1 Hz
to 10.0 Hz noise of the ADR431, which is only 3.5 μV p-p. The
noise measurement is made with a band-pass filter made of a
2-pole high-pass filter with a corner frequency at 0.1 Hz and a
2-pole low-pass filter with a corner frequency at 10.0 Hz.
HIGH FREQUENCY NOISE
The total noise generated by the ADR43x family of references is
composed of the reference noise and the op amp noise. Figure 31
shows the wideband noise from 10 Hz to 25 kHz. An internal node
of the op amp is brought out on Pin 7, and by overcompensating
the op amp, the overall noise can be reduced.
This is understood by considering that in a closed-loop
configuration, the effective output impedance of an op amp is
β
+
=
VO
O
O
A
r
R
1
(3)
where:
RO is the apparent output impedance.
rO is the output resistance of the op amp.
AVO is the open-loop gain at the frequency of interest.
β is the feedback factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com