Electronic Components Datasheet Search
  English  ▼

X  

25A512 Datasheet(PDF) 8 Page - Microchip Technology

Part # 25A512
Description  512 Kbit SPI Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25A512 Datasheet(HTML) 8 Page - Microchip Technology

Back Button 25A512 Datasheet HTML 4Page - Microchip Technology 25A512 Datasheet HTML 5Page - Microchip Technology 25A512 Datasheet HTML 6Page - Microchip Technology 25A512 Datasheet HTML 7Page - Microchip Technology 25A512 Datasheet HTML 8Page - Microchip Technology 25A512 Datasheet HTML 9Page - Microchip Technology 25A512 Datasheet HTML 10Page - Microchip Technology 25A512 Datasheet HTML 11Page - Microchip Technology 25A512 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
25A512
DS22237C-page 8
Preliminary
 2010-2011 Microchip Technology Inc.
Read Sequence
The device is selected by pulling CS low. The 8-bit
READ
instruction is transmitted to the 25A512 followed
by the 16-bit address. After the correct READ instruction
and address are sent, the data stored in the memory at
the selected address is shifted out on the SO pin. The
data stored in the memory at the next address can be
read sequentially by continuing to provide clock pulses.
The internal Address Pointer is automatically incre-
mented to the next higher address after each byte of
data is shifted out. When the highest address is
reached (FFFFh), the address counter rolls over to
address 0000h allowing the read cycle to be continued
indefinitely. The READ instruction is terminated by rais-
ing the CS pin (Figure 2-1).
FIGURE 2-1:
READ SEQUENCE
SO
SI
SCK
CS
0
23456789 10 11
21 22 23 24 25 26 27 28 29 30 31
1
01
0
0
0
0
01
15 14 13 12
210
765
43210
Instruction
16-bit Address
Data Out
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com