Electronic Components Datasheet Search
  English  ▼

X  

TM02130 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # TM02130
Description  HIGH FREQUENCY MAGNETICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TM02130 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  TM02130 Datasheet HTML 1Page - Bel Fuse Inc. TM02130 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
HIGH FREQUENCY MAGNETICS
©2002 Bel Fuse Inc. Specifications subject to change without notice. 04.02
TM02130
page 1
DS3/E3/STS-1 Transformers
SCHEMATICS
ELECTRICAL SPECIFICATIONS at 25° C
S554-6500-25
•
Optimized for line transceivers operating at E3, DS3
or STS-1 rates: 34.368 Mb/s, 44.736 Mb/s, 51.84 Mb/s
•
S554-6500-25 and S554-6500-26 are surface mount,
industrial temperature replacements for S554-3184-00
and S554-3184-02 transformers respectively
•
Meet ITU-T G.703 return loss from -40° to +85° C
from 860 kHz to 51.55 MHz
•
UL 1950 approved: file number E150991
•
Operating temperature range -40° to +85°C
•
Meets IEC 695, 2-2 flammability requirements
•
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
•
Reliability testing: Shock, vibration, temperature cycling,
temperature - humidity - bias
•
Interwinding breakdown voltage: 1500 Vrms min
1. Terminated in 75
Ω for 1 : 1 ratio and 300 Ω for 1 : 2 ratio
S554-6500-26
S554-6500-30
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
y
r
a
m
i
r
P
e
c
n
a
t
c
u
d
n
I
z
H
k
0
0
1
t
a
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
z
H
M
1
t
a
e
c
n
a
t
i
c
a
p
a
C
w
/
w
C
z
H
M
2
7
.
1
t
a
s
s
o
L
n
r
u
t
e
R
5
7
Ω
Ω
Ω
Ω
Ω
n
o
i
t
a
c
i
l
p
p
A
1
c
e
S
:
i
r
P
C
°
5
2
n
i
m
H
µ
C
°
0
4
-
n
i
m
H
µ
x
a
m
H
µ
x
a
m
F
p
C
°
5
2
p
y
t
B
d
C
°
5
8
+
o
t
0
4
-
n
i
m
B
d
5
2
-
0
0
5
6
-
4
5
5
S1
:
10
80
49
0
.
00
15
28
1
6
2
-
0
0
5
6
-
4
5
5
ST
C
2
:
10
80
49
0
.
00
15
28
1
0
3
-
0
0
5
6
-
4
5
5
ST
C
1
:
T
C
10
80
40
1
.
00
15
28
1
4
6
1
3
Primary
Secondary
1 : 1
4
6
1
3
Primary
Secondary
1 : 2CT
2
4
6
1
3
Primary
Secondary
1CT : 1CT
2
5


Similar Part No. - TM02130

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
TM02131 BEL-TM02131 Datasheet
194Kb / 2P
HIGH FREQUENCY MAGNETICS
More results

Similar Description - TM02130

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2664G BEL-2664G Datasheet
42Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Through Hole Transformer
2741R2 BEL-2741R2 Datasheet
45Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Magnetics
2745R2 BEL-2745R2 Datasheet
45Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Through Hole Transformer
2779C BEL-2779C Datasheet
54Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1Surface Mount Transformers
S553-6500-A5 BEL-S553-6500-A5 Datasheet
65Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Transformer
S553-6500-A6 BEL-S553-6500-A6 Datasheet
34Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Transformer
S553-6500-F4 BEL-S553-6500-F4 Datasheet
203Kb / 4P
HIGH FREQUENCY MAGNETICS HIGH FREQUENCY MAGNETICS
S553-6500-62 BEL-S553-6500-62 Datasheet
33Kb / 2P
HIGH FREQUENCY MAGNETICS
TM02129 BEL-TM02129 Datasheet
91Kb / 2P
HIGH FREQUENCY MAGNETICS
S555-6400-26 BEL-S555-6400-26 Datasheet
194Kb / 2P
HIGH FREQUENCY MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com