Electronic Components Datasheet Search
  English  ▼

X  

TM02131 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # TM02131
Description  HIGH FREQUENCY MAGNETICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TM02131 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  TM02131 Datasheet HTML 1Page - Bel Fuse Inc. TM02131 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
HIGH FREQUENCY MAGNETICS
©2002 Bel Fuse Inc. Specifications subject to change without notice. 04.02
TM02131
page 2
T1/E1/J1 Mini-Octal Choke Module
MECHANICAL
S555-6400-26
Tape and Reel Packaging
44 mm wide by 16 mm pitch; 13 inch OD, 4 inch ID
400 modules per reel, maximum
Meets ANSI/EIA 481-2 Carrier Tape Standards - JEDEC SO Package
1.050 [26.67]
max
0.425
[10.80]
max
0.300
[7.62]
0.050
[1.27]
pitch
0.020 ±0.002
[0.51 ±0.05]
0.290 [7.37]
max
0.750
[19.05]
2X 0.035 [0.89]
2X 0.060 [1.52]
0˚-5˚
R0.005
[R0.13]
typ
R0.005
[R0.13]
typ
0.004
0.050 [1.27]
0.465 [11.81]
0.025 [0.64]
0.070
[1.78]
0.010
[0.25]
min
Dimensions are in inches [millimeters].
Standard dimension tolerance is ±0.005 [0.13] unless otherwise noted.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com