Electronic Components Datasheet Search
  English  ▼

X  

L4995J Datasheet(PDF) 12 Page - STMicroelectronics

Part # L4995J
Description  5V, 500mA low drop voltage regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995J Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L4995J Datasheet HTML 8Page - STMicroelectronics L4995J Datasheet HTML 9Page - STMicroelectronics L4995J Datasheet HTML 10Page - STMicroelectronics L4995J Datasheet HTML 11Page - STMicroelectronics L4995J Datasheet HTML 12Page - STMicroelectronics L4995J Datasheet HTML 13Page - STMicroelectronics L4995J Datasheet HTML 14Page - STMicroelectronics L4995J Datasheet HTML 15Page - STMicroelectronics L4995J Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Electrical specifications
L4995
12/35
Doc ID 13103 Rev 13
2.4
Electrical characteristics curves
Figure 5.
Output voltage vs Tj
Figure 6.
Output voltage vs VS
Figure 7.
Drop voltage vs output current
Figure 8.
Current consumption vs output
current
Figure 9.
Current consumption vs input
voltage
Figure 10.
Current limitation vs Tj



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com