Electronic Components Datasheet Search
  English  ▼

X  

L6201 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6201
Description  DMOS FULL BRIDGE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6201 Datasheet(HTML) 1 Page - STMicroelectronics

  L6201 Datasheet HTML 1Page - STMicroelectronics L6201 Datasheet HTML 2Page - STMicroelectronics L6201 Datasheet HTML 3Page - STMicroelectronics L6201 Datasheet HTML 4Page - STMicroelectronics L6201 Datasheet HTML 5Page - STMicroelectronics L6201 Datasheet HTML 6Page - STMicroelectronics L6201 Datasheet HTML 7Page - STMicroelectronics L6201 Datasheet HTML 8Page - STMicroelectronics L6201 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
L6201
L6202 - L6203
DMOS FULL BRIDGE DRIVER
SUPPLY VOLTAGE UP TO 48V
5A MAX PEAK CURRENT (2A max. for L6201)
TOTAL RMS CURRENT UP TO
L6201: 1A; L6202: 1.5A; L6203/L6201PS: 4A
RDS (ON) 0.3
Ω (typical value at 25 °C)
CROSS CONDUCTION PROTECTION
TTL COMPATIBLE DRIVE
OPERATING FREQUENCY UP TO 100 KHz
THERMAL SHUTDOWN
INTERNAL LOGIC SUPPLY
HIGH EFFICIENCY
DESCRIPTION
The I.C. is a full bridge driver for motor control ap-
plications realized in Multipower-BCD technology
which combines isolated DMOS power transistors
with CMOS and Bipolar circuits on the same chip.
By using mixed technology it has been possible to
optimize the logic circuitry and the power stage to
achieve the best possible performance. The
DMOS output transistors can operate at supply
voltages up to 42V and efficiently at high switch-
ing speeds. All the logic inputs are TTL, CMOS
and
µC compatible. Each channel (half-bridge) of
the device is controlled by a separate logic input,
while a common enable controls both channels.
The I.C. is mounted in three different packages.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
July 2003
®
MULTIPOWER BCD TECHNOLOGY
BLOCK DIAGRAM
ORDERING NUMBERS:
L6201 (SO20)
L6201PS (PowerSO20)
L6202 (Powerdip18)
L6203 (Multiwatt)
SO20 (12+4+4)
Multiwatt11
Powerdip 12+3+3
PowerSO20
1/20


Similar Part No. - L6201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6201 STMICROELECTRONICS-L6201 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
L6201 STMICROELECTRONICS-L6201 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
L6201 STMICROELECTRONICS-L6201 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
L6201 STMICROELECTRONICS-L6201 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
July 2003
L6201013TR STMICROELECTRONICS-L6201013TR Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
More results

Similar Description - L6201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6226 STMICROELECTRONICS-L6226 Datasheet
404Kb / 22P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
logo
Integral Corp.
IL9001 INTEGRAL-IL9001 Datasheet
170Kb / 5P
DMOS FULL BRIDGE DRIVER
logo
Allegro MicroSystems
A3950 ALLEGRO-A3950_06 Datasheet
530Kb / 12P
DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_04 Datasheet
226Kb / 8P
DMOS Full-Bridge Motor Driver
logo
STMicroelectronics
L6205PD013TR STMICROELECTRONICS-L6205PD013TR Datasheet
400Kb / 21P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
E-L6203 STMICROELECTRONICS-E-L6203 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
L6201013TR STMICROELECTRONICS-L6201013TR Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
L6203 STMICROELECTRONICS-L6203 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
E-L6202 STMICROELECTRONICS-E-L6202 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
July 2003
L6226PDTR STMICROELECTRONICS-L6226PDTR Datasheet
533Kb / 31P
DMOS dual full bridge driver
21-Oct-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com