Electronic Components Datasheet Search
  English  ▼

X  

L6201PS Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6201PS
Description  DMOS FULL BRIDGE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6201PS Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6201PS Datasheet HTML 10Page - STMicroelectronics L6201PS Datasheet HTML 11Page - STMicroelectronics L6201PS Datasheet HTML 12Page - STMicroelectronics L6201PS Datasheet HTML 13Page - STMicroelectronics L6201PS Datasheet HTML 14Page - STMicroelectronics L6201PS Datasheet HTML 15Page - STMicroelectronics L6201PS Datasheet HTML 16Page - STMicroelectronics L6201PS Datasheet HTML 17Page - STMicroelectronics L6201PS Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
It could be requested to drive a motor at VS lower
than the minimum recommended one of 12V
(See Electrical Characteristics); in this case, by
accepting a possible small increas in the RDS (ON)
resistance of the power output transistors at the
lowest Supply Voltage value, may be a good solu-
tion the one shown in Fig. 20.
THERMAL CHARACTERISTICS
Thanks to the high efficiency of this device, often
a true heatsink is not needed or it is simply ob-
tained by means of a copper side on the P.C.B.
(L6201/2).
Under heavy conditions, the L6203 needs a suit-
able cooling.
By using two square copper sides in a similar way
as it shown in Fig. 23, Fig. 21 indicates how to
choose the on board heatsink area when the
L6201 total power dissipation is known since:
RTh j-amb = (Tj max. – Tamb max) / Ptot
Figure 22 shows the Transient Thermal Resis-
tance vs. a single pulse time width.
Figure 23 and 24 refer to the L6202.
For the Multiwatt L6203 addition information is
given by Figure 25 (Thermal Resistance Junction-
Ambient vs. Total Power Dissipation) and Figure
26 (Peak Transient Thermal Resistance vs. Re-
petitive Pulse Width) while Figure 27 refers to the
single pulse Transient Thermal Resistance.
Figure 20: L6201/1P/2/3 Used at a Supply Volt-
age Range Between 9 and 18V
Figure 21: Typical RTh J-amb vs. "On Board"
Heatsink Area (L6201)
Figure 22: Typical Transient RTH in Single Pulse
Condition (L6201)
Figurre 23: Typical RTh J-amb vs. Two "On Board"
Square Heatsink (L6202)
L6201
L6201PS
L6202
L6203
L6201 - L6202 - L6203
14/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com