Electronic Components Datasheet Search
  English  ▼

X  

L6562ATN Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6562ATN
Description  Transition-mode PFC controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562ATN Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6562ATN Datasheet HTML 13Page - STMicroelectronics L6562ATN Datasheet HTML 14Page - STMicroelectronics L6562ATN Datasheet HTML 15Page - STMicroelectronics L6562ATN Datasheet HTML 16Page - STMicroelectronics L6562ATN Datasheet HTML 17Page - STMicroelectronics L6562ATN Datasheet HTML 18Page - STMicroelectronics L6562ATN Datasheet HTML 19Page - STMicroelectronics L6562ATN Datasheet HTML 20Page - STMicroelectronics L6562ATN Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Application examples and ideas
L6562AT
17/25
8
Application examples and ideas
Figure 21.
Demonstration board wide-range mains: electrical schematic
NTC
2.5
Ω
8
3
P1
W08
R1
1 M
Ω
C1
0.22 µF
630V
R3
15 k
Ω
C29
22 µF
25V
F1
4A/250V
R4
270 kΩ
D8
1N4148
D2
1N5248B
R14
100
Ω
C5
R6
47 k
Ω
T1
5
6
L6562A
7
21
R7
33
Ω
Q1
STP8NM50FP
4
R11
1M Ω
C6
47 µF
450V
Vo=400V
Po=80W
R10
0.68
Ω
0.25W
R13B
82 k
Ω
+
-
C4
100 nF
C2
10nF
D1
STTH1L06
R50 - 22 k
Ω
C3 - 2200 nF
R2
1 M
Ω
R5
270 kΩ
R9
0.68
Ω
0.25W
R12
C23
150 nF
Boost Inductor Spec (ITACOIL E2543/E)
E25x13x7 core, N67 ferrite
1.5 mm gap for 0.7 mH primary inductance
Primary: 102 turns 20x0.1 mm
Secondary: 10 turns 0.1 mm
R13
15 k
Ω
Vac
88V
to
264V
1M
Ω
VCC
MULT
ZCD
COMP
INV
GND
CS
GD
10 nF
R8
47k
Ω
R15
SHORTED
NTC
2.5
Ω
8
3
P1
W08
R1
1 M
Ω
C1
0.22 µF
630V
R3
15 k
Ω
C29
22 µF
25V
F1
4A/250V
R4
270 kΩ
D8
1N4148
D2
1N5248B
R14
100
Ω
C5
R6
47 k
Ω
T1
5
6
L6562A
7
21
R7
33
Ω
Q1
STP8NM50FP
4
R11
1M Ω
C6
47 µF
450V
Vo=400V
Po=80W
R10
0.68
Ω
0.25W
R13B
82 k
Ω
+
-
C4
100 nF
C2
10nF
D1
STTH1L06
R50 - 22 k
Ω
C3 - 2200 nF
R2
1 M
Ω
R5
270 kΩ
R9
0.68
Ω
0.25W
R12
C23
150 nF
Boost Inductor Spec (ITACOIL E2543/E)
E25x13x7 core, N67 ferrite
1.5 mm gap for 0.7 mH primary inductance
Primary: 102 turns 20x0.1 mm
Secondary: 10 turns 0.1 mm
R13
15 k
Ω
Vac
88V
to
264V
1M
Ω
VCC
MULT
ZCD
COMP
INV
GND
CS
GD
10 nF
R8
47k
Ω
R15
SHORTED
L6562A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com