Electronic Components Datasheet Search
  English  ▼

X  

L6566BH Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6566BH
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BH Datasheet(HTML) 5 Page - STMicroelectronics

  L6566BH Datasheet HTML 1Page - STMicroelectronics L6566BH Datasheet HTML 2Page - STMicroelectronics L6566BH Datasheet HTML 3Page - STMicroelectronics L6566BH Datasheet HTML 4Page - STMicroelectronics L6566BH Datasheet HTML 5Page - STMicroelectronics L6566BH Datasheet HTML 6Page - STMicroelectronics L6566BH Datasheet HTML 7Page - STMicroelectronics L6566BH Datasheet HTML 8Page - STMicroelectronics L6566BH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
L6566BH
List of figures
Doc ID 16610 Rev 2
5/51
List of figures
Figure 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Typical system block diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
Pin connection (through top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
Multimode operation with QR option active . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 5.
High voltage startup generator: internal schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 6.
Timing diagram: normal power-up and power-down sequences . . . . . . . . . . . . . . . . . . . . 18
Figure 7.
Timing diagram showing short-circuit behavior (SS pin clamped at 5 V) . . . . . . . . . . . . . . 19
Figure 8.
VHV rating vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 9.
Drain ringing cycle skipping as the load is gradually reduced . . . . . . . . . . . . . . . . . . . . . . 20
Figure 10.
Operation of ZCD, triggering and oscillator blocks (QR option active) . . . . . . . . . . . . . . . . 22
Figure 11.
Load-dependent operating modes: timing diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 12.
Addition of an offset to the current sense lowers the burst-mode operation threshold . . . . 23
Figure 13.
Adaptive UVLO block . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 14.
Possible feedback configurations that can be used with the L6566BH . . . . . . . . . . . . . . . 24
Figure 15.
Externally controlled burst-mode operation by driving the COMP pin: timing diagram. . . . 25
Figure 16.
Typical power capability change vs. input voltage in QR flyback converters . . . . . . . . . . . 26
Figure 17.
Left: overcurrent setpoint vs. VFF voltage; right: line feedforward function block. . . . . . . . 27
Figure 18.
Hiccup-mode OCP: timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 19.
Frequency modulation circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 20.
Operation after latched disable activation: timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 21.
Soft-start pin operation under different operating conditions and settings . . . . . . . . . . . . . 33
Figure 22.
OVP function: internal block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 23.
OVP function: timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 24.
Maximum allowed duty cycle vs. switching frequency for correct OVP detection. . . . . . . . 36
Figure 25.
Brownout protection: internal block diagram and timing diagram . . . . . . . . . . . . . . . . . . . . 37
Figure 26.
Voltage sensing techniques to implement brownout protection with the L6566BH . . . . . . 38
Figure 27.
Slope compensation waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 28.
Typical low-cost application schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 29.
Typical full-feature application schematic (QR operation) . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 30.
Typical full-feature application schematic (FF operation) . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Figure 31.
Frequency foldback at light load (FF operation) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 32.
Latched shutdown upon mains overvoltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 33.
SO16N package drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 34.
Recommended footprint (dimensions are in mm) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com