Electronic Components Datasheet Search
  English  ▼

X  

SO-20 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SO-20
Description  Combo IC for PFC and ballast control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO-20 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SO-20 Datasheet HTML 9Page - STMicroelectronics SO-20 Datasheet HTML 10Page - STMicroelectronics SO-20 Datasheet HTML 11Page - STMicroelectronics SO-20 Datasheet HTML 12Page - STMicroelectronics SO-20 Datasheet HTML 13Page - STMicroelectronics SO-20 Datasheet HTML 14Page - STMicroelectronics SO-20 Datasheet HTML 15Page - STMicroelectronics SO-20 Datasheet HTML 16Page - STMicroelectronics SO-20 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
L6585DE
Device description
13/33
4
Device description
The L6585DE embeds a high performance PFC controller, a ballast controller and all the
relevant drivers necessary to build an electronic ballast.
The PFC section achieves current mode control operating in transition mode, offering a
highly linear multiplier including a THD optimizer that allows for an extremely low THD, even
over a large range of input voltages and loading conditions.
The PFC output voltage is controlled by means of a voltage-mode error amplifier and a
precise internal voltage reference.
The ballast controller offers the designer a very precise oscillator, a logic that manages all
the operating steps and a full set of protection features:
●
Programmable end-of-life detection, compliant with both lamp-to-ground and capacitor-
to-ground configurations
●
Over-current protection with either current limiting or choke saturation protection
●
Hard switching events detection
High current capability drivers for both the PFC (300 mA source and 600 mA sink) and the
half-bridge (290 mA source and 480 mA sink) also allow ballast designs for very high output
power (up to 160 W).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com