Electronic Components Datasheet Search
  English  ▼

X  

690BS Datasheet(PDF) 1 Page - CML Microcircuits

Part # 690BS
Description  T-11/2 Bead Seal Lamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

690BS Datasheet(HTML) 1 Page - CML Microcircuits

  690BS Datasheet HTML 1Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT
DATA SHEET
Type
Size
Rating
Description
Part No.
Incandescent
T5
14V 0.037A
T-1½ Bead Seal Lamp
690BS
PHOTOMETRY DATA
TEST
CURRENT (mA)
LIGHT OUTPUT (Lm)
LIFE
VOLTS
Drawing Not To Scale
All Dimensions In mm
Min.
Nom.
Max.
Min.
Nom.
Max.
(Hours)
14.0
33
37
41
1.2
1.6
2.0
5000
NOTES:
1)
C-2F filament shape.
2)
Lead wires 0.25mm diameter x 25.4mm MIN. long, with tinned finish.
3)
Other leadwire lengths to be supplied according to purchase order.
Issue No.
Date
C.N. No.
Drawn
Tech
QA
M & P
Sales
1
5/1/98
NR
Form TDF 024 Issue 3


Similar Part No. - 690BS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
690B VISHAY-690B Datasheet
129Kb / 7P
Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
23-May-13
logo
EDAC, All Rights Reserv...
690B-SERIES EDAC-690B-SERIES Datasheet
400Kb / 1P
690B Series USB 3.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB
690B109-123-012 EDAC-690B109-123-012 Datasheet
400Kb / 1P
690B Series USB 3.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB
690B109-123-012 EDAC-690B109-123-012 Datasheet
119Kb / 1P
690B Series,USB 3.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB
690B109-123-022 EDAC-690B109-123-022 Datasheet
400Kb / 1P
690B Series USB 3.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB
More results

Similar Description - 690BS

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM2059 CML-CM2059 Datasheet
242Kb / 1P
T-2 3/4 Miniature Bayonet Base Halogen Lamp
logo
LUMEX INC.
GT-NE4H1125 LUMEX-GT-NE4H1125 Datasheet
45Kb / 1P
NEON LAMP, T-4mm BRIGHTNESS
logo
PHOENIX CONTACT
1405403 PHOENIX-1405403 Datasheet
81Kb / 5P
T distributor - QPD T 4PE 2X6-11 BK
1580011 PHOENIX-1580011 Datasheet
44Kb / 2P
Insert seal - Q-T-EDG-K
1580024 PHOENIX-1580024 Datasheet
44Kb / 2P
Insert seal - Q-T-EDG-M
1580037 PHOENIX-1580037 Datasheet
44Kb / 2P
Insert seal - Q-T-EDG-G
logo
HARTING Technology Grou...
09-00-000-5013 HARTING-09-00-000-5013 Datasheet
451Kb / 2P
Acces. Metal Multiple Cable Seal Pg 11
2021-10-01
logo
Ultralife Corporation.
UB123A ULTRALIFE-UB123A Datasheet
521Kb / 2P
Crimp Seal 2/3 A
Rev: E
logo
HARTING Technology Grou...
09-00-000-5164 HARTING-09-00-000-5164 Datasheet
450Kb / 2P
Plastic Normal Cable Seal PG 11 grey
2021-10-05
09-00-000-5185 HARTING-09-00-000-5185 Datasheet
437Kb / 2P
Plastic Normal Cable Seal PG 11 black
2021-10-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com