Electronic Components Datasheet Search
  English  ▼

X  

bq2002 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # bq2002
Description  NiCd/NiMH Fast-Charge Management ICs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq2002 Datasheet(HTML) 3 Page - Texas Instruments

  bq2002 Datasheet HTML 1Page - Texas Instruments bq2002 Datasheet HTML 2Page - Texas Instruments bq2002 Datasheet HTML 3Page - Texas Instruments bq2002 Datasheet HTML 4Page - Texas Instruments bq2002 Datasheet HTML 5Page - Texas Instruments bq2002 Datasheet HTML 6Page - Texas Instruments bq2002 Datasheet HTML 7Page - Texas Instruments bq2002 Datasheet HTML 8Page - Texas Instruments bq2002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
bq2002/F
Battery
Temperature?
Battery
Voltage?
Chip on
VCC
4.0V
VCC
2V
Top-off
LED = Z
Trickle
LED = Z
Fast
LED = Low
Maximum Time-Out
or
or
VBAT < 2V
VBAT > 2V
SD2002/F01
VTS > VCC/2
VTS < VCC/2
VBAT > 2V
VBAT > 2V
VTS < VCC/2
VTS < VCC/2
((PVD or - V or
Maximum Time-Out)
and TM = high)
(PVD or - V or
Maximum Time-Out)
and TM = high
Figure 2. State Diagram
OSC
TM
CC
LED
VCC
VSS
BAT
INH
Clock
Phase
Generator
Timing
Control
Sample
History
A to D
Converter
MCV
Check
TS
Bd2002f.eps
Voltage
Reference
PVD, -
∆V
ALU
Power-On
Reset
TCO
Check
Power
Down
Charge-Control
State Machine
Figure 3. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com