Electronic Components Datasheet Search
  English  ▼

X  

BQ2002FSNTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2002FSNTR
Description  NiCd/NiMH Fast-Charge Management ICs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2002FSNTR Datasheet(HTML) 1 Page - Texas Instruments

  BQ2002FSNTR Datasheet HTML 1Page - Texas Instruments BQ2002FSNTR Datasheet HTML 2Page - Texas Instruments BQ2002FSNTR Datasheet HTML 3Page - Texas Instruments BQ2002FSNTR Datasheet HTML 4Page - Texas Instruments BQ2002FSNTR Datasheet HTML 5Page - Texas Instruments BQ2002FSNTR Datasheet HTML 6Page - Texas Instruments BQ2002FSNTR Datasheet HTML 7Page - Texas Instruments BQ2002FSNTR Datasheet HTML 8Page - Texas Instruments BQ2002FSNTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Features
➤
Fast charge of nickel cadmium
or nickel-metal hydride batter-
ies
➤
Direct LED output displays
charge status
➤
Fast-charge termination by -
∆V,
maximum voltage, maximum
temperature, and maximum
time
➤
Internal band-gap voltage ref-
erence
➤
Optional top-off charge
➤
Selectable pulse trickle charge
rates
➤
Low-power mode
➤
8-pin 300-mil DIP or 150-mil
SOIC
General Description
The bq2002 and bq2002/F Fast-Charge
ICs are low-cost CMOS battery-charge
controllers providing reliable charge
termination for both NiCd and NiMH
battery applications.
Controlling a
current-limited or constant-current
supply allows the bq2002/F to be the
basis for a cost-effective stand-alone or
system-integrated charger.
The
bq2002/F integrates fast charge with
optional top-off and pulsed-trickle con-
trol in a single IC for charging one or
more NiCd or NiMH battery cells.
Fast charge is initiated on application
of the charging supply or battery re-
placement. For safety, fast charge is
inhibited if the battery temperature
and voltage are outside configured
limits.
Fast charge is terminated by any of
the following:
n Peak voltage detection (PVD)
n Negative delta voltage (-
∆V)
n Maximum voltage
n Maximum temperature
n Maximum time
After fast charge, the bq2002/F op-
tionally tops-off and pulse-trickles the
battery per the pre-configured limits.
Fast charge may be inhibited using
the INH pin. The bq2002/F may also
be placed in low-standby-power mode
to reduce system power consumption.
The bq2002F differs from the
bq2002 only in that a slightly differ-
ent set of fast-charge and top-off
time limits is available. All differ-
ences between the two ICs are illus-
trated in Table 1.
NiCd/NiMH Fast-Charge Management ICs
bq2002/F
TM
Timer mode select input
LED
Charging status output
BAT
Battery voltage input
VSS
System ground
1
PN-200201.eps
8-Pin DIP or
Narrow SOIC
2
3
4
8
7
6
5
TM
LED
BAT
VSS
CC
INH
VCC
TS
TS
Temperature sense input
VCC
Supply voltage input
INH
Charge inhibit input
CC
Charge control output
Pin Connections
Pin Names
bq2002/F Selection Guide
Part No.
TCO
HTF
LTF
-
∆V PVD Fast Charge
tMTO
Top-Off
Maintenance
bq2002
0.5
∗ VCC None None
✔
C/2
160
C/32
C/64
✔
1C
80
C/16
C/64
✔
2C
40
None
C/32
bq2002F 0.5
∗ VCC None None
✔
C/2
160
C/32
C/64
✔
1C
100
C/16
C/64
✔
2C
55
None
C/32
SLUS131 – A
PRIL 2009


Similar Part No. - BQ2002FSNTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2002FSNTR TI2-BQ2002FSNTR Datasheet
443Kb / 21P
NiCd/NiMH Fast-Charge Management ICs
APRIL 2009
BQ2002FSNTR.B TI2-BQ2002FSNTR.B Datasheet
443Kb / 21P
NiCd/NiMH Fast-Charge Management ICs
APRIL 2009
More results

Similar Description - BQ2002FSNTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
NiCd/NiMH Fast-Charge Management ICs
2/99
BQ24401 TI-BQ24401 Datasheet
179Kb / 15P
Programmable NiCd/NiMH Fast-Charge Management Device
BQ2002ESNTR TI1-BQ2002ESNTR Datasheet
273Kb / 15P
NiCd/NiMH Fast-Charge Management ICs
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
NiCd/NiMH Fast-Charge Management IC
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
NiCd/NiMH Fast-Charge Management ICs
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
Programmable NiCd/NiMH Fast-Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com