Electronic Components Datasheet Search
  English  ▼

X  

LMC7111 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7111
Description  DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7111 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMC7111 Datasheet HTML 13Page - Texas Instruments LMC7111 Datasheet HTML 14Page - Texas Instruments LMC7111 Datasheet HTML 15Page - Texas Instruments LMC7111 Datasheet HTML 16Page - Texas Instruments LMC7111 Datasheet HTML 17Page - Texas Instruments LMC7111 Datasheet HTML 18Page - Texas Instruments LMC7111 Datasheet HTML 19Page - Texas Instruments LMC7111 Datasheet HTML 20Page - Texas Instruments LMC7111 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LM4050-4.1
or
LM4050-5.0
DAC081S101
DIN
SCLK
SYNC
VOUT = 0V to 5V
0.47 PF
Input
Voltage
R
VZ
LM4130-4.1
DAC081S101
DIN
SCLK
SYNC
VOUT = 0V to 4.080V
C1
0.1 PF
C2
2.2 PF
Input
Voltage
MICROWIRE
DEVICE
DAC081S101
CS
SK
SO
SCLK
DIN
SYNC
DAC081S101
www.ti.com
SNAS323C – JUNE 2005 – REVISED FEBRUARY 2013
Figure 40. Microwire Interface
USING REFERENCES AS POWER SUPPLIES
Recall the need for a quiet supply source for devices that use their power supply voltage as a reference voltage.
Since the DAC081S101 consumes very little power, a reference source may be used as the supply voltage. The
advantages of using a reference source over a voltage regulator are accuracy and stability. Some low noise
regulators can also be used for the power supply of the DAC081S101. Listed below are a few power supply
options for the DAC081S101.
LM4130
The LM4130 reference, with its 0.05% accuracy over temperature, is a good choice as a power source for the
DAC081S101. Its primary disadvantage is the lack of 3V and 5V versions. However, the 4.096V version is useful
if a 0 to 4.095V output range is desirable or acceptable. Bypassing the LM4130 VIN pin with a 0.1µF capacitor
and the VOUT pin with a 2.2µF capacitor will improve stability and reduce output noise. The LM4130 comes in a
space-saving 5-pin SOT23.
Figure 41. The LM4130 as a power supply
LM4050
Available with accuracy of 0.44%, the LM4050 shunt reference is also a good choice as a power regulator for the
DAC081S101. It does not come in a 3 Volt version, but 4.096V and 5V versions are available. It comes in a
space-saving 3-pin SOT-23.
Figure 42. The LM4050 as a power supply
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: DAC081S101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com