Electronic Components Datasheet Search
  English  ▼

X  

AX88782 Datasheet(PDF) 8 Page - ASIX Electronics Corporation

Part # AX88782
Description  ASIX Multi-Port Ethernet Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88782 Datasheet(HTML) 8 Page - ASIX Electronics Corporation

Back Button AX88782 Datasheet HTML 4Page - ASIX Electronics Corporation AX88782 Datasheet HTML 5Page - ASIX Electronics Corporation AX88782 Datasheet HTML 6Page - ASIX Electronics Corporation AX88782 Datasheet HTML 7Page - ASIX Electronics Corporation AX88782 Datasheet HTML 8Page - ASIX Electronics Corporation AX88782 Datasheet HTML 9Page - ASIX Electronics Corporation AX88782 Datasheet HTML 10Page - ASIX Electronics Corporation AX88782 Datasheet HTML 11Page - ASIX Electronics Corporation AX88782 Datasheet HTML 12Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Copyright (C) 2008-2009 Reserved by ASIX Electronics Corporation
ASIX Multi-Port Ethernet Controller
Product Introduction
4. Ordering Information
The following is the ordering information of AX88742/AX88783/AX88782/AX88613 chips
and AX88742/AX88783/AX88782/AX88613 demo boards. Please contact ASIX's Sales
(sales@asix.com.tw) for details.
Part Number
Description
AX88742 LF
128 PIN, LQFP
/E-PAD Package, Commercial Grade 0°C to +70 °C (Green, Lead-Free)
AX88783 LF
128 PIN, LQFP
/E-PAD Package, Commercial Grade 0°C to +70 °C (Green, Lead-Free)
AX88782 LF
80 PIN, LQFP/E-PAD Package, Commercial Grade 0
°C to +70 °C (Green, Lead-Free)
AX88613 LF
80 PIN, LQFP/E-PAD Package, Commercial Grade 0°C to +70 °C (Green, Lead-Free)
Demo Boards
Description
AX88742 demo board
This is an AX88742 PCI interface demo board.
AX88783 SMDK2440 demo board
This is an AX88783 non-PCI interface demo board for the
SMDK2440 evaluation platform with Samsung S3C2440A
ARM920T core CPU.
AX88782 SMDK2440 demo board
This is an AX88782 non-PCI interface demo board for the
SMDK2440 evaluation platform with Samsung S3C2440A
ARM920T core CPU.
AX88613 demo board
This is an AX88613 3-port switch demo board for users to
verify AX88613 with external MCU through the MII/Rev-
MII/RMII/Rev-RMII interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com