Electronic Components Datasheet Search
  English  ▼

X  

CB017C0183 Datasheet(PDF) 16 Page - AVX Corporation

Part # CB017C0183
Description  Film Chip Capacitors PEN DIELECTRIC ??CB Series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CB017C0183 Datasheet(HTML) 16 Page - AVX Corporation

Back Button CB017C0183 Datasheet HTML 11Page - AVX Corporation CB017C0183 Datasheet HTML 12Page - AVX Corporation CB017C0183 Datasheet HTML 13Page - AVX Corporation CB017C0183 Datasheet HTML 14Page - AVX Corporation CB017C0183 Datasheet HTML 15Page - AVX Corporation CB017C0183 Datasheet HTML 16Page - AVX Corporation CB017C0183 Datasheet HTML 17Page - AVX Corporation CB017C0183 Datasheet HTML 18Page - AVX Corporation CB017C0183 Datasheet HTML 19Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
35
Film Chip Capacitors
PEN DIELECTRIC – CB Series
ELECTRICAL CHARACTERISTICS VERSUS TEMPERATURE AND FREQUENCY
ELECTRICAL CHARACTERISTICS
5
4
3
2
1
0
-1
-2
-3
-4
-5
Temperature (°C)
-60
-40
-20
0
20
40
60
80
100
120 140
C/C 1 kHz (%)
100
10
0
1
Temperature (°C)
-40
-20
020
40
60
80
100
IR x C (G.ohm x µF)
70
60
50
40
30
20
10
0
Temperature (°C)
-60
-40
-20
0
20
40
60
80
100
120 140
DF 1 kHz (10-4)
Capacitance
Dissipation Factor
Insulation Resistance
FREQUENCY CHARACTERISTICS
4
2
0
-2
-4
Frequency (kHz)
0.1
1
10
100
C/C 20°C (%)
10000
1000
100
10
1
0.1
1
10
100
1000
Frequency (MHz)
Z (mOhm)
63 V range (nF)
4700
2200
1000
470
220
100
47
22
10
4.7
2.2
1
300
250
200
150
100
50
0
Frequency (kHz)
0.1
1
10
100
1000
DF 20°C (10-4)
Capacitance
Dissipation Factor
Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com