Electronic Components Datasheet Search
  English  ▼

X  

DL5221 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DL5221
Description  500 mW Zener Diode 2.4 to 75 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL5221 Datasheet(HTML) 1 Page - Micro Commercial Components

  DL5221 Datasheet HTML 1Page - Micro Commercial Components DL5221 Datasheet HTML 2Page - Micro Commercial Components DL5221 Datasheet HTML 3Page - Micro Commercial Components DL5221 Datasheet HTML 4Page - Micro Commercial Components DL5221 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DL5221
THRU
DL5267
500 mW
Zener Diode
2.4 to 75 Volts
Features
•
Wide Voltage Range Available
•
Glass Package
•
High Temp Soldering: 260
°C for 10 Seconds At Terminals
•
Surface Mount Package
Maximum Ratings
•
Operating Temperature: -65
°C to +175°C
•
Storage Temperature: -65
°C to +175°C
•
500 mWatt DC Power Dissipation
•
Power Derating: 4.0mW/
°C above 50°C
•
Forward Voltage @ 200mA: 1.1 Volts
Figure 2 - Derating Curve
Power Dissipation (mW) -
Versus - Ambient Temperature °C
Temperature
°C
0
75
150
225
mW
200
400
Typical Capacitance (pf) –
versus – Zener voltage (V
Z)
Figure 1 - Typical Capacitance
0
100
200
1
10
100
pf
VZ
At zero volts
At –2 Volts V R
A
B
C
Cathode Mark
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
MINIMELF
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
B
.008
.016
.20
.40
C
.055
.059
1.40
1.50
∅
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
M CC
Revision: A
2011/01/01
www
.mccsemi.com
1of 5
Marking : Cathode band denotes polarity
TM
Micro Commercial Components
175
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
Compliant. See ordering information)
Note:1.Lead in Glass Exemption Applied, see EU Directive Annex 5.
A
.130
.146
3.30
3.70
•
Moisture Sensitivity Level 1


Similar Part No. - DL5221

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL5221 MCC-DL5221 Datasheet
890Kb / 2P
500 mW Zener Diode 2.4 to 200 Volts
logo
Shanghai Lunsure Electr...
DL5221 CHENYI-DL5221 Datasheet
858Kb / 2P
500mw zener diode 2.4 to 47 volts
logo
Tiger Electronic Co.,Lt...
DL5221 TGS-DL5221 Datasheet
421Kb / 2P
500 mW Zener Diode 2.4 to 47 Volts
logo
Micro Commercial Compon...
DL5221 MCC-DL5221 Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
DL5221-TP MCC-DL5221-TP Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
More results

Similar Description - DL5221

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5221 MCC-1N5221_09 Datasheet
393Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
DL5232B-TP MCC-DL5232B-TP Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
DL5227B-TP MCC-DL5227B-TP Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
BZT52B2V4 MCC-BZT52B2V4 Datasheet
303Kb / 3P
410 mW Zener Diode 2.4 to 75 Volts
DL5221B MCC-DL5221B Datasheet
593Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
LS5221 MCC-LS5221 Datasheet
178Kb / 3P
500 mW Zener Diode 2.4 to 75 Volts
MCL5221 MCC-MCL5221 Datasheet
120Kb / 3P
500 mW Zener Diode 2.4 to 75 Volts
MMSZ5221B MCC-MMSZ5221B_17 Datasheet
407Kb / 6P
500 mW Zener Diodes 2.4 to 75 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com