Electronic Components Datasheet Search
  English  ▼

X  

T0613 Datasheet(PDF) 1 Page - Epson Company

Part # T0613
Description  Refi ll instructions Epson
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

T0613 Datasheet(HTML) 1 Page - Epson Company

  T0613 Datasheet HTML 1Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
You are facing difficulties refilling your ink cartridges or require more information about the refilling procedure? Please feel free to contact us. The address is as follow:
ink.co.uk • Customer Care Department • PO Box 987 – Canterbury • CT1 9EF • info@ink.co.uk
Logos, brand names and product descriptions are the property of their respective manufacturers and are used for reference purposes only.
Refill instructions Epson T0611 | T0612 | T0613 | T0614 | T0615
Please carefully read these instructions before refilling your ink cartridges. Always carry out the ink refill process on a dirt resistant mat and have a moist cloth to hand to quickly
remove any ink spillage. The instructions apply only to the ink cartridges referred to above. The syringe and ink should be kept away from children. We accept no responsibility for
any damage caused by inadequate or incorrect actions carried out during the refilling process. The refilling of ink cartridges is carried out at your own risk. An empty ink cartridge
of this type can be refilled with approximately 8 ml of ink.
In order to refill an ink cartridge, a syringe filled with
ink is required. Open the cap of one of the enclosed ink
holders, which also acts as a syringe. Now insert the
enclosed blunt needle using a twisting motion into the
opening. Hold the lower part of the ink holder with your
thumb and forefinger and twist it counter clockwise into
the appliance.
Then seal the ink outlet opening with an adhesive
tape and place the ink cartridge in an upright position.
Next, using the tool provided, drill a hole approximately
7 mm deep through the designated opening. Drill carefully,
as there are 2 inner walls to drill through.
3.
2.
Now insert the syringe into the newly made opening and
fill the ink chamber slowly and carefully until just below
the opening. Should some of the ink leak out, simply
remove it by using the syringe.
Seal the newly drilled hole with an adhesive strip and
then leave the ink cartridge for a few hours to allow the
ink enough time to spread throughout the ink chamber.
Finally, the ink cartridge chip ink fluid level reading needs
to be reset. In order to do this, press the reset device
(not included with the refill kit set) pins against the ink
cartridge chip contact. After removing the adhesive tape
from the ink outlet area, the refilled ink cartridge can
then be inserted into the printer. Please be aware of the
possibility of ink leakage.
6.
5.
4.
1.


Similar Part No. - T0613

ManufacturerPart #DatasheetDescription
logo
Epson Company
T0613 EPSON-T0613 Datasheet
41Kb / 1P
Original Inkjet Cartridges
More results

Similar Description - T0613

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPG8640AN ETC1-SPG8640AN Datasheet
94Kb / 2P
Crystal Oscillators - Programmable - Seiko Epson
logo
ebm-papst
K1G200-AD65-04 EBMPAPST-K1G200-AD65-04 Datasheet
1Mb / 9P
Operating instructions
logo
UN Semiconducctor INC
UNSDC12V-2L UNSEMI-UNSDC12V-2L Datasheet
2Mb / 5P
Instructions
Revision March 1,2022
UNSDC12V-3L UNSEMI-UNSDC12V-3L Datasheet
2Mb / 5P
Instructions
Revision March 1,2022
UNSDC24V-2L UNSEMI-UNSDC24V-2L Datasheet
2Mb / 5P
Instructions
Revision March 1,2022
UNSDC24V-3L UNSEMI-UNSDC24V-3L Datasheet
2Mb / 5P
Instructions
Revision March 1,2022
UNSDC48V-2L UNSEMI-UNSDC48V-2L Datasheet
2Mb / 5P
Instructions
Revision March 1,2022
UNSDC48V-3L UNSEMI-UNSDC48V-3L Datasheet
2Mb / 5P
Instructions
Revision March 1,2022
UNSDC58V-2L UNSEMI-UNSDC58V-2L Datasheet
2Mb / 5P
Instructions
Revision March 1,2022
UNSDC58V-3L UNSEMI-UNSDC58V-3L Datasheet
2Mb / 5P
Instructions
Revision March 1,2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com