Electronic Components Datasheet Search
  English  ▼

X  

MCL4148 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MCL4148
Description  500mW 100 Volt Silicon Epitaxial Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MCL4148 Datasheet(HTML) 2 Page - Micro Commercial Components

  MCL4148 Datasheet HTML 1Page - Micro Commercial Components MCL4148 Datasheet HTML 2Page - Micro Commercial Components MCL4148 Datasheet HTML 3Page - Micro Commercial Components MCL4148 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Admissable Power Dissipation - MilliWatts versus
Ambient Temperature -
OC
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
100
200
300
Single Phase, Half Wave
60Hz Resistive or Inductive Load
MilliWatts
OC
150
400
500
600
Junction Capacitance - pF versus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
MilliAmps
.4
.6
.8
1.0
1.2
1.4
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
OC
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100 200
.1
.2
.6
1
2
10
pF
Volts
6
4
.4
400
1000
TJ=25
OC
MCL4148
MCC
www.mccsemi.com
Revision: A
2011/01/01
TM
Micro Commercial Components



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com