Electronic Components Datasheet Search
  English  ▼

X  

DAC7574IDGS Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7574IDGS
Description  QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7574IDGS Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC7574IDGS Datasheet HTML 4Page - Texas Instruments DAC7574IDGS Datasheet HTML 5Page - Texas Instruments DAC7574IDGS Datasheet HTML 6Page - Texas Instruments DAC7574IDGS Datasheet HTML 7Page - Texas Instruments DAC7574IDGS Datasheet HTML 8Page - Texas Instruments DAC7574IDGS Datasheet HTML 9Page - Texas Instruments DAC7574IDGS Datasheet HTML 10Page - Texas Instruments DAC7574IDGS Datasheet HTML 11Page - Texas Instruments DAC7574IDGS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
www.ti.com
0.000
0.025
0.050
0.075
0.100
0.125
0.150
0
1
2
3
4
5
ISINK - Sink Current - mA
VDD = 2.7 V
VDD = 5.5 V
DAC Loaded With 000H
Typical For All Channels
5.30
5.35
5.40
5.45
5.50
0
1
2
3
4
5
ISOURCE - Source Current - mA
DAC Loaded With FFFH
VDD = 5.5 V
Typical For All Channels
2.3
2.4
2.5
2.6
2.7
0
1
2
3
4
5
ISOURCE - Source Current - mA
DAC Loaded With FFFH
VDD = 2.7 V
Typical For All Channels
Digital Input Code
0
100
200
300
400
500
600
700
800
0
512
1024
1536
2048
2560
3072
3584
4096
VDD = 2.7 V
VDD = 5.5 V
All Channels Powered, No Load
TA - Free- Air Temperature - °C
0
100
200
300
400
500
600
700
- 40
- 10
20
50
80
110
VDD = 2.7 V
VDD = 5.5 V
All Channels Powered, No Load
VDD - Supply Voltage - V
200
250
300
350
400
450
500
550
600
650
700
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
All DACs Powered, No Load
DAC7574
SLAS375 – JUNE 2003
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, unless otherwise noted.
SINK CURRENT CAPABILITY
SOURCE CURRENT CAPABILITY
AT NEGATIVE RAIL
AT POSITIVE RAIL
Figure 13.
Figure 14.
SOURCE CURRENT CAPABILITY
SUPPLY CURRENT
AT POSITIVE RAIL
vs DIGITAL INPUT CODE
Figure 15.
Figure 16.
SUPPLY CURRENT
SUPPLY CURRENT
vs TEMPERATURE
vs SUPPLY VOLTAGE
Figure 17.
Figure 18.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com