Electronic Components Datasheet Search
  English  ▼

X  

DAC5573IPW Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5573IPW
Description  This document contains the following chapters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5573IPW Datasheet(HTML) 20 Page - Texas Instruments

Back Button DAC5573IPW Datasheet HTML 16Page - Texas Instruments DAC5573IPW Datasheet HTML 17Page - Texas Instruments DAC5573IPW Datasheet HTML 18Page - Texas Instruments DAC5573IPW Datasheet HTML 19Page - Texas Instruments DAC5573IPW Datasheet HTML 20Page - Texas Instruments DAC5573IPW Datasheet HTML 21Page - Texas Instruments DAC5573IPW Datasheet HTML 22Page - Texas Instruments DAC5573IPW Datasheet HTML 23Page - Texas Instruments DAC5573IPW Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Factory Default Setting
3-2
3.1
Factory Default Setting
The EVM board is factory-configured to operate in unipolar 5-V output mode.
Table 3 - 1. DACx573EVM Factory-Default Jumper Configuration
DACx573 EVM CONFIGURATION
Reference
Jumper
Position
Function
W1
1-2
Analog supply for the DACx573 is 5 VA.
W2
1-2
DAC output A (VOUTA) is routed to J4-2.
W3
Open
VREFH is not routed to the inverting input of the op
amp.
W4
1-2
Onboard external buffered reference U3 is routed to
VREFH.
W5
1-2
Negative supply rail of U2 op amp is supplied by VSS.
W6
1-2
VREFL is tied to AGND.
W7
Closed
A0 pin is tied to DGND.
W8
Closed
A1 pin is tied to DGND.
W9
Closed
A3 pin is tied to DGND.
W10
Closed
A2 pin is tied to DGND.
W11
1-2
DAC output B (VOUTB) is routed to J4-4.
W12
1-2
DAC output C (VOUTC) is routed to J4-6.
W13
1-2
DAC output D (VOUTD) is routed to J4-8.
W15
Closed
Output op amp U2 is configured for a gain of 2.
J4
1-2
DAC output A (VOUTA) is connected to the noninvert-
ing input of output op amp U2.
3.2
Host Processor Interface
Because the host processor controls the DAC, proper operation depends on
the correct interface of the host processor and the EVM board. Properly written
code is also required to operate the DAC.
A host-platform-specific cable assembly can be made to connect the EVM to
the host processor through J2 for the I2C serial control and data signals. The
output is monitored through J4.
An interface adapter board is available for specific TI DSP starter kits as well
as for an MSP430-based microprocessor as mentioned in section 1.3. Using
the interface board alleviates the tedious task of building custom cables and
allows easy configuration of a simple evaluation system.
This DACx573 EVM interfaces with any host processor capable of I2C
protocols or the popular TI DSP. For more information regarding the serial
interface of the particular DAC installed, refer to the specific DAC data sheet,
as listed in the Related Documentation From Texas Instruments section in the
Preface of this user’s guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com