Electronic Components Datasheet Search
  English  ▼

X  

DS34C86TM Datasheet(PDF) 3 Page - Texas Instruments

Part # DS34C86TM
Description  DS34C86T Quad CMOS Differential Line Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS34C86TM Datasheet(HTML) 3 Page - Texas Instruments

  DS34C86TM Datasheet HTML 1Page - Texas Instruments DS34C86TM Datasheet HTML 2Page - Texas Instruments DS34C86TM Datasheet HTML 3Page - Texas Instruments DS34C86TM Datasheet HTML 4Page - Texas Instruments DS34C86TM Datasheet HTML 5Page - Texas Instruments DS34C86TM Datasheet HTML 6Page - Texas Instruments DS34C86TM Datasheet HTML 7Page - Texas Instruments DS34C86TM Datasheet HTML 8Page - Texas Instruments DS34C86TM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS34C86T
www.ti.com
SNLS379C – MAY 1998 – REVISED APRIL 2013
Operating Conditions
Min
Max
Unit
Supply Voltage (VCC)
4.50
5.50
V
Operating Temperature Range (TA)
−40
+85
°C
Enable Input Rise or Fall Times
500
ns
DC Electrical Characteristics
(1)
VCC = 5V ±10% (unless otherwise specified)
Parameter
Test Conditions
Min
Typ
Max
Units
VTH
Minimum Differential
VOUT = V OH or VOL
−200
35
+200
mV
Input Voltage
−7V < VCM< +7V
RIN
Input Resistance
VIN = −7V, +7V
5.0
6.8
10
k
Ω
(Other Input = GND)
IIN
Input Current
VIN = +10V, Other Input = GND
+1.1
+1.5
mA
(Under Test)
VIN = −10V, Other Input = GND
−2.0
−2.5
mA
VOH
Minimum High Level
VCC = Min., V(DIFF) = +1V
3.8
4.2
V
Output Voltage
IOUT = −6.0 mA
VOL
Maximum Low Level
VCC = Max., V(DIFF) = −1V
0.2
0.3
V
Output Voltage
IOUT = 6.0 mA
VIH
Minimum Enable High
2.0
V
Input Level Voltage
VIL
Maximum Enable Low
0.8
V
Input Level Voltage
IOZ
Maximum TRI-STATE
VOUT = V CC or GND,
±0.5
±5.0
μA
Output Leakage Current
TRI-STATE Control = VIL
II
Maximum Enable Input
VIN = V CC or GND
±1.0
μA
Current
ICC
Quiescent Power
VCC = Max., V(DIFF) = +1V
16
23
mA
Supply Current
VHYST
Input Hysteresis
VCM = 0V
60
mV
(1)
Unless otherwise specified, Min/Max limits apply across the operating temperature range.
All typicals are given for VCC = 5V and TA =
25°C.
AC Electrical Characteristics
(1)
VCC = 5V ±10% (unless otherwise specified) (Figure 2, Figure 3, Figure 4)
Parameter
Test Conditions
Min
Typ
Max
Units
tPLH,
Propagation Delay
CL = 50 pF
19
30
ns
tPHL
Input to Output
VDIFF = 2.5V
VCM = 0V
tRISE,
Output Rise and
CL = 50 pF
4
9
ns
tFALL
Fall Times
VDIFF = 2.5V
VCM = 0V
tPLZ,
Propagation Delay
CL = 50 pF
13
18
ns
tPHZ
ENABLE to Output
RL = 1000Ω
VDIFF = 2.5V
tPZL,
Propagation Delay
CL = 50 pF
13
21
ns
tPZH
ENABLE to Output
RL = 1000Ω
VDIFF = 2.5V
(1)
Unless otherwise specified, Min/Max limits apply across the operating temperature range.
All typicals are given for VCC = 5V and TA =
25°C.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS34C86T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com