Electronic Components Datasheet Search
  English  ▼

X  

LF347B Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LF347B
Description  JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LF347B Datasheet(HTML) 1 Page - Texas Instruments

  LF347B Datasheet HTML 1Page - Texas Instruments LF347B Datasheet HTML 2Page - Texas Instruments LF347B Datasheet HTML 3Page - Texas Instruments LF347B Datasheet HTML 4Page - Texas Instruments LF347B Datasheet HTML 5Page - Texas Instruments LF347B Datasheet HTML 6Page - Texas Instruments LF347B Datasheet HTML 7Page - Texas Instruments LF347B Datasheet HTML 8Page - Texas Instruments LF347B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LF347, LF347B
JFET-INPUT
QUAD OPERATIONAL AMPLIFIERS
SLOS013B – MARCH 1987 – REVISED AUGUST 1994
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Input Bias Current...50 pA Typ
D Low Input Noise Current
0.01 pA/
√Hz Typ
D Low Total Harmonic Distortion
D Low Supply Current... 8 mA Typ
D Gain Bandwidth...3 MHz Typ
D High Slew Rate...13 V/µs Typ
D Pin Compatible With the LM348
description
These devices are low-cost, high-speed, JFET-input operational amplifiers. They require low supply current yet
maintain a large gain-bandwidth product and a fast slew rate. In addition, their matched high-voltage JFET
inputs provide very low input bias and offset current.
The LF347 and LF347B can be used in applications such as high-speed integrators, digital-to-analog
converters, sample-and-hold circuits, and many other circuits.
The LF347 and LF347B are characterized for operation from 0
°C to 70°C.
symbol (each amplifier)
–
+
IN –
IN +
OUT
AVAILABLE OPTIONS
VIOmax
PACKAGE
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
PLASTIC DIP
(N)
0
°Cto70°C
10 mV
LF347D
LF347N
0
°C to 70°C
5 mV
LF347BD
LF347BN
The D packages are available taped and reeled. Add R suffix to the device
type (e.g., LF347DR).
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC +
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC –
– 18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
±30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (see Note 1)
±15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of output short circuit
unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: Unless otherwise specified, the absolute maximum negative input voltage is equal to the negative power supply voltage.
Copyright
© 1994, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN –
1IN +
VCC+
2IN +
2IN –
2OUT
4OUT
4IN –
4IN +
VCC –
3IN +
3IN –
3OUT
D OR N PACKAGE
(TOP VIEW)


Similar Part No. - LF347B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF347B TI2-LF347B Datasheet
940Kb / 22P
LF347, LF347B JFET-Input Quad Operational Amplifiers
REVISED MARCH 2016
LF347BD TI2-LF347BD Datasheet
940Kb / 22P
LF347, LF347B JFET-Input Quad Operational Amplifiers
REVISED MARCH 2016
LF347BDR TI2-LF347BDR Datasheet
940Kb / 22P
LF347, LF347B JFET-Input Quad Operational Amplifiers
REVISED MARCH 2016
LF347BDR.A TI2-LF347BDR.A Datasheet
940Kb / 22P
LF347, LF347B JFET-Input Quad Operational Amplifiers
REVISED MARCH 2016
logo
National Semiconductor ...
LF347BN NSC-LF347BN Datasheet
406Kb / 13P
Wide Bandwidth Quad JFET Input Operational Amplifiers
More results

Similar Description - LF347B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
406Kb / 13P
Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL091 TI-TL091 Datasheet
610Kb / 8P
JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
JFET Input Operational Amplifiers
LF147 TI1-LF147 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
JFET-Input Operational Amplifiers
LF147 TI1-LF147_16 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
JFET Input Operational Amplifiers
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com