Electronic Components Datasheet Search
  English  ▼

X  

LM2575HV Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM2575HV
Description  LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2575HV Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM2575HV Datasheet HTML 20Page - Texas Instruments LM2575HV Datasheet HTML 21Page - Texas Instruments LM2575HV Datasheet HTML 22Page - Texas Instruments LM2575HV Datasheet HTML 23Page - Texas Instruments LM2575HV Datasheet HTML 24Page - Texas Instruments LM2575HV Datasheet HTML 25Page - Texas Instruments LM2575HV Datasheet HTML 26Page - Texas Instruments LM2575HV Datasheet HTML 27Page - Texas Instruments LM2575HV Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
LM1575, LM2575-N, LM2575HV
SNVS106E – MAY 1999 – REVISED APRIL 2013
www.ti.com
Pin numbers are for the TO-220 package.
Figure 37. 1.2V to 55V Adjustable 1A Power Supply with Low Output Ripple
Definition of Terms
BUCK REGULATOR A switching regulator topology in which a higher voltage is converted to a lower voltage.
Also known as a step-down switching regulator.
BUCK-BOOST REGULATOR A switching regulator topology in which a positive voltage is converted to a
negative voltage without a transformer.
DUTY CYCLE (D) Ratio of the output switch's on-time to the oscillator period.
(17)
CATCH DIODE OR CURRENT STEERING DIODE The diode which provides a return path for the load current
when the LM2575 switch is OFF.
EFFICIENCY (
η) The proportion of input power actually delivered to the load.
(18)
CAPACITOR EQUIVALENT SERIES RESISTANCE (ESR) The purely resistive component of a real capacitor's
impedance (see Figure 38). It causes power loss resulting in capacitor heating, which directly affects the
capacitor's operating lifetime. When used as a switching regulator output filter, higher ESR values result in
higher output ripple voltages.
Figure 38. Simple Model of a Real Capacitor
Most standard aluminum electrolytic capacitors in the 100
μF–1000 μF range have 0.5Ω to
0.1
Ω ESR. Higher-grade capacitors (“low-ESR”, “high-frequency”, or “low-inductance”') in the
100
μF–1000 μF range generally have ESR of less than 0.15Ω.
EQUIVALENT SERIES INDUCTANCE (ESL) The pure inductance component of a capacitor (see Figure 38).
The amount of inductance is determined to a large extent on the capacitor's construction. In a buck
regulator, this unwanted inductance causes voltage spikes to appear on the output.
OUTPUT RIPPLE VOLTAGE The AC component of the switching regulator's output voltage. It is usually
dominated by the output capacitor's ESR multiplied by the inductor's ripple current (
ΔIIND). The peak-to-
peak value of this sawtooth ripple current can be determined by reading INDUCTOR RIPPLE CURRENT.
24
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM1575 LM2575-N LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com