Electronic Components Datasheet Search
  English  ▼

X  

IR1150 Datasheet(PDF) 2 Page - International Rectifier

Part # IR1150
Description  UPFC ONE CYCLE CONTROL PFC IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1150 Datasheet(HTML) 2 Page - International Rectifier

  IR1150 Datasheet HTML 1Page - International Rectifier IR1150 Datasheet HTML 2Page - International Rectifier IR1150 Datasheet HTML 3Page - International Rectifier IR1150 Datasheet HTML 4Page - International Rectifier IR1150 Datasheet HTML 5Page - International Rectifier IR1150 Datasheet HTML 6Page - International Rectifier IR1150 Datasheet HTML 7Page - International Rectifier IR1150 Datasheet HTML 8Page - International Rectifier IR1150 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IR1150(S)/IR1150I(S)(PbF)
www.irf.com
2
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltages are
absolute voltages referenced to COM. Thermal resistance and power dissipation are measured under board mounted and
still air conditions.
Parameters
Symbols
Min.
Max.
Units
Remarks
VCC voltage
VCC
-0.3
22
V
Not internally clamped
Freq. voltage
VFREQ.
-0.3
10.5
V
ISNS voltage
VISNS
-10
3
V
OVP/EN voltage
VOVP/EN
-0.3
9
V
VFB voltage
VFB
-0.3
10.5
V
COMP voltage
VCOMP
-0.3
10
V
Gate voltage
VGATE
-0.3
18
V
Continuous gate current
IGATE
-5
5
mA
Max peak gate current
IGATEPK
-1.5
1.5
A
Junction temperature
TJ
-40
150
˚C
Storage temperature
TS
-55
150
˚C
—
128
˚C/W
SOIC-8
Thermal resistance
Rθ JA
—
84
˚C/W
PDIP-8
—
675
mW
SOIC-8 TAMB = 25 ˚C
Package power dissipation
PD
—
1000
mW
PDIP-8 TAMB = 25 ˚C
ESD protection
VESD
—
2
kV
Human body model*
Recommended Operating Conditions
Recommended operating conditions for reliable operation with margin
Parameters
Symbols
Min. Typ.
Max. Units
Remarks
Supply voltage
VCC
15
18
20
V
Junction temperature
TJ
-25
—
125
°C
Ambient temperature
TA
0
—
70
°C
IR1150(S)
Ambient temperature
TA
-25
—
85
°C
IR1150I(S)
Switching frequency
FSW
50
—
200
kHz
Electrical Characteristics
The electrical characteristics involve the spread of values guaranteed within the specified supply voltage and junction
temperature range TJ from – 25°C to 125°C. Typical values represent the median values, which are related to 25°C. If
not otherwise stated, a supply voltage of VCC =15V is assumed for test condition
Supply Section
Parameters
Symbols
Min.
Typ.
Max.
Units
Remarks
VCC turn-on threshold
VCC ON
12.2
12.7
13.2
V
VCC turn-off threshold
(under voltage lock out)
VCC UVLO
10.2
10.7
11.2
V
*Per EIA/JESD22-A114-B (discharging a 100pF capacitor through a 1.5K
Ω series resistor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com