Electronic Components Datasheet Search
  English  ▼

X  

IR1150STR Datasheet(PDF) 9 Page - International Rectifier

Part # IR1150STR
Description  UPFC ONE CYCLE CONTROL PFC IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1150STR Datasheet(HTML) 9 Page - International Rectifier

Back Button IR1150STR Datasheet HTML 5Page - International Rectifier IR1150STR Datasheet HTML 6Page - International Rectifier IR1150STR Datasheet HTML 7Page - International Rectifier IR1150STR Datasheet HTML 8Page - International Rectifier IR1150STR Datasheet HTML 9Page - International Rectifier IR1150STR Datasheet HTML 10Page - International Rectifier IR1150STR Datasheet HTML 11Page - International Rectifier IR1150STR Datasheet HTML 12Page - International Rectifier IR1150STR Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
IR1150(S)/IR1150I(S)(PbF)
www.irf.com
9
Operating States
UVLO Mode
The IC remains in the UVLO condition until the voltage on
the VCC pin exceeds the VCC turn on threshold voltage,
VCC ON.
During the time the IC remains in the UVLO state, the gate
drive circuit is inactive and the IC draws a
quiescent current of ICC START. The UVLO mode is
accessible from any other state of operation whenever the
IC supply voltage condition of VCC < VCC UVLO occurs.
Standby Mode
The IC is in this state if the supply voltage has exceeded
VCC ON and the VFB pin voltage is less than 20% of VREF .
The oscillator is running and all internal circuitry is biased
in this state but the gate is inactive. This state is
accessible from any other state of operation except OVP.
The IC enters this state whenever the VFB pin voltage has
decreased to 50% of VREF when operating in normal
mode or during a peak current limit fault condition, or 20%
VREF when operating in soft start mode.
Soft Start Mode
This state is activated once the VCC voltage has
exceeded VCCON and the VFB pin voltage has exceeded
20% of VREF.
The soft start time, which is defined as the time required
for the duty cycle to linearly increase from zero to
maximum, is dependent upon the values selected for
compensation of the voltage loop pin COMP to pin COM.
Throughout the soft start cycle, the output of the voltage
error
amplifier
(pin
COMP)
charges
through
the
compensation network. This forces a linear rise of the
voltage at this node which in turn forces a linear increase
in the gate drive duty cycle from 0. This controlled duty
cycle reduces system component stress during start up
conditions as the input current amplitude is increasing
linearly.
Normal Mode
The IC enters normal operating mode once the soft start
transition has been completed. At this point the gate drive
is switching and the IC draws a maximum of ICC from the
supply voltage source. The device will initiate another soft
start sequence in the event of a shutdown due to a fault,
which activates the protection circuitry, or if the supply
voltage drops below the UVLO turn off threshold of VCC
UVLO.
Fault Protection Mode
The fault mode will be activated when any of the protection
circuits are activated. The IC protection circuits include
Supply Voltage Under Voltage Lockout (UVLO), Output
Over Voltage Protection (OVP), Open Loop Protection
(OLP), Output Undervoltage Protection (OUV), and Peak
Current Limit Protection (IPK LIMIT).
Sleep Mode
The sleep mode is initiated by pulling the OVP pin below
0.62V (typ). In this mode the IC draws a very low
quiescent supply current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com