Electronic Components Datasheet Search
  English  ▼

X  

IR3447 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3447
Description  25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3447 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3447 Datasheet HTML 2Page - International Rectifier IR3447 Datasheet HTML 3Page - International Rectifier IR3447 Datasheet HTML 4Page - International Rectifier IR3447 Datasheet HTML 5Page - International Rectifier IR3447 Datasheet HTML 6Page - International Rectifier IR3447 Datasheet HTML 7Page - International Rectifier IR3447 Datasheet HTML 8Page - International Rectifier IR3447 Datasheet HTML 9Page - International Rectifier IR3447 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
IR3447
6
www.irf.com
© 2013 International Rectifier
July 17, 2013
ELECTRICAL SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
SYMBOL
DEFINITION
MIN
MAX
UNITS
PVin
Input Bus Voltage *
1.5
21
V
Vin
Supply Voltage
5.0
21
VCC
Supply Voltage **
4.5
7.5
Boot to SW
Supply Voltage
4.5
7.5
VO
Output Voltage
0.6
0.86 * PVin
IO
Output Current
0
±25
A
Fs
Switching Frequency
300
1500
kHz
TJ
Junction Temperature
-40
125
°C
*
SW node must not exceed 25V
**
When VCC is connected to an externally regulated supply, also connect Vin.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specification apply over, 1.5V < PVin < 21V, 4.5V< VCC < 7.5V, 0
oC < T
J <
125
oC.
Typical values are specified at TA = 25
oC.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Loss
Power Loss
PLOSS
Vin = PVin = 12V, VO =
1.2V, IO = 25A, Fs =
600kHz, L=0.215uH,
TA = 25°C, Note 4
3.62
W
MOSFET Rds(on)
Top Switch
Rds(on)_Top
VBoot – VSW = 6.8V,
ID = 25A, Tj = 25°C
4
5.2
mΩ
Bottom Switch
Rds(on)_Bot
VCC =6.8V, ID = 25A,
Tj = 25°C
1.8
2.3
Reference Voltage
Feedback Voltage
VFB
0.6
V
Accuracy
Vref=0.6V,
0°C < Tj < 105°C
-0.5
+0.5
%
Vref=0.6V,
-40°C < Tj < 125°C
-1.0
+1.0
Supply Current
Vin Supply Current
(Standby)
Iin(Standby)
Vin=21V, Enable low,
No Switching
300
425
µA
Vin Supply Current (Dyn)
Iin(Dyn)
Vin=21V, Enable high,
Fs = 600kHz
40
mA
VCC Supply Current
(Standby)
Icc(Standby)
Enable low, VCC=7V,
No Switching
300
425
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com