Electronic Components Datasheet Search
  English  ▼

X  

IR3477 Datasheet(PDF) 17 Page - International Rectifier

Part # IR3477
Description  15A Highly Integrated SupIRBuck Constant On.Time Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3477 Datasheet(HTML) 17 Page - International Rectifier

Back Button IR3477 Datasheet HTML 13Page - International Rectifier IR3477 Datasheet HTML 14Page - International Rectifier IR3477 Datasheet HTML 15Page - International Rectifier IR3477 Datasheet HTML 16Page - International Rectifier IR3477 Datasheet HTML 17Page - International Rectifier IR3477 Datasheet HTML 18Page - International Rectifier IR3477 Datasheet HTML 19Page - International Rectifier IR3477 Datasheet HTML 20Page - International Rectifier IR3477 Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
March 27, 2013  |   V2.5  |  PD97604
17
IR3477 
15A Highly Integrated SupIRBuck
TM 
STABILITY CONSIDERATIONS  
Constant‐on‐time control is a fast, ripple based control 
scheme. Unstable operation can occur if certain conditions 
are not met. The system instability is usually caused by: 
Switching noise coupled to FB input:  
This causes the PWM comparator to trigger prematurely 
after the 500ns minimum on‐time for lower MOSFET.  
It will result in double or multiple pulses every switching 
cycle instead of the expected single pulse. Double pulsing 
can causes higher output voltage ripple, but in most 
application it will not affect operation. This can usually be 
prevented by careful layout of the ground plane and the  
FB sensing trace. 
Steady state ripple on FB pin being too small:  
The PWM comparator in IR3477 requires minimum  
7mVp‐p ripple voltage to operate stably. Not enough ripple 
will result in similar double pulsing issue described above. 
Solving this may require using output capacitors with 
higher ESR.  
ESR loop instability:  
The stability criteria of constant on‐time is:  
 
 
If ESR is too small that this criteria is violated then sub‐
harmonic oscillation will occur. This is similar to the 
instability problem of peak‐current‐mode control with 
D>0.5. Increasing ESR is the most effective way to stabilize 
the system, but the tradeoff is the larger output voltage 
ripple.  
System with all ceramic output capacitors:  
For applications with all ceramic output capacitors, the ESR 
is usually too small to meet the stability criteria. In these 
applications, external slope compensation is necessary to 
make the loop stable. The ramp injection circuit, composed 
of R6, C13, and C14, shown in Figure 4 is required.  
The inductor current ripple sensed by R6 and C13 is AC 
coupled to the FB pin through C14. C14 is usually chosen 
between 1 to 10nF, and C13 between 10 to 100nF. R6 
should then be chosen such that L/DCR = C13*R6.  
LAYOUT RECOMMENDATIONS 
Bypass Capacitor:  
A 1µF high quality ceramic capacitor should be placed on 
the same side as the IR3477 and connected to VCC and 
PGND pins directly.   
Boot Circuit:  
CBOOT should be placed near the BOOT and PHASE pins to 
reduce the impedance when the upper MOSFET turns on.  
Power Stage:  
Figure 30 shows the current paths and their directions  
for the on and off periods. The on time path has low 
average DC current and high AC current.  Therefore, it is 
recommended to place the input ceramic capacitor, upper, 
and lower MOSFET in a tight loop as shown in Figure 30.  
The purpose of the tight loop from the input ceramic 
capacitor is to suppress the high frequency (10MHz range) 
switching noise and reduce Electromagnetic Interference 
(EMI).  If this path has high inductance, the circuit will 
cause voltage spikes and ringing, and increase the 
switching loss. The off time path has low AC and high 
average DC current. Therefore, it should be laid out with  
a tight loop and wide trace at both ends of the inductor. 
Lowering the loop resistance reduces the power loss. The 
typical resistance value of 1‐ounce copper thickness is 
0.5mΩ per square inch. 
 
Figure 30: Current Path of Power Stage 
 
2
ON
OUT
T
C
ESR
>
⋅
Q1
Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com