Electronic Components Datasheet Search
  English  ▼

X  

IR3476 Datasheet(PDF) 4 Page - International Rectifier

Part # IR3476
Description  12A Highly Integrated SupIRBuck Continuous 12A Load Capability
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3476 Datasheet(HTML) 4 Page - International Rectifier

  IR3476 Datasheet HTML 1Page - International Rectifier IR3476 Datasheet HTML 2Page - International Rectifier IR3476 Datasheet HTML 3Page - International Rectifier IR3476 Datasheet HTML 4Page - International Rectifier IR3476 Datasheet HTML 5Page - International Rectifier IR3476 Datasheet HTML 6Page - International Rectifier IR3476 Datasheet HTML 7Page - International Rectifier IR3476 Datasheet HTML 8Page - International Rectifier IR3476 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
March 27, 2013  |  V2.2  |  PD97603
4
IR3476 
12A Highly Integrated SupIRBuck
TM 
TYPICAL APPLICATION 
 
VOUT
TP7
TP10
EN
VCC
TP23
+Vsws
TP24
+Vsws
+Vins
R12
open
C26
open
TP8
VOUTS
5
2
TP21
-Vsws
TP25
-Vin1s
C27
open
TP12
VSWS
5
2
TP22
+Vsws
VIN
C7
open
C8
open
C9
330uF
C10
47uF
C11
open
C1
1uF
R7
2.80K
R8
2.55K
C12
0.1uF
PGOOD
C24
open
ISET
+3.3V
TP6
PGNDS
TP14
+3.3V
U1
IR3476
FCCM
1
SS
6
PGOOD
3
GND1
4
FB
5
NC1
7
ISET
2
PHASE
12
C4
0.22uF
VCC
TP4
EN
SW1
EN / FCCM
TP17
PGND
C20
0.1uF
TP26
AGND
C5
open
VSW
C21
1uF
TP11
PGOOD
L1
1.5uH
R6
open
C22
open
TP1
VINS
R4
10.5K
R3
200K
C13
open
C2
22uF
C16
open
+
C3
68uF
TP2
VIN
TP5
PGND
C14
open
C17
open
C18
open
TP16
VCC
FB
R5
10K
C15
open
C6
open
TP18
VOLTAGE SENSE
-Vout1s
TP9
+Vout1s
R1
10K
FCCM
+Vin1s
TP20
+Vin1s
+3.3V
C25
1uF
+Vdd1s
-Vdd1s
R13
open
+3.3V
TP15
-Vout1s
R14
open
TP19
FB
R11
open
TP13
SS
VSW
+Vdd2s
TP3
FCCM
SS
-Vdd2s
R2
10K
IR3476
C19
open
-Vins
PGND
VOUT
C23
open
 
Figure 4: Demoboard Schematic for VOUT = 1.05V, FS = 300kHz 
 
DEMOBOARD BILL OF MATERIALS 
QTY 
REFERENCE DESIGNATOR 
VALUE 
DESCRIPTION 
MANUFACTURER 
PART NUMBER 
3 
C1, C21, C25 
1.00uF 
capacitor, X7R, 1.00uF, 25V, 0.1, 0603 
Murata 
GRM188R71E105KA12D 
1 
C10 
47uF 
capacitor, 47uF, 6.3V, 805 
TDK 
C2012X5R0J476M 
2 
C12, C20 
0.100uF 
capacitor, X7R, 0.100uF, 50V, 0.1, 603 
TDK 
C1608X7R1H104K 
1 
C2 
22.0uF 
capacitor, X5R, 22.0uF, 16V, 20%, 1206 
Taiyo Yuden 
EMK316BJ226ML‐T 
1 
C3 
68uF 
capacitor, electrolytic, 68uF, 25V, 0.2, SMD 
Panasonic 
EEV‐FK1E680P 
1 
C4 
0.22uF 
capacitor, Y5V, 0.22uF, 50V, ‐20%, +80%, 0603 
Murata 
GRM188F51H224ZA01D 
1 
C9 
330uF 
capacitor, 330uF, 2.5V, SMD 
Sanyo 
2R5TPE330M9 
1 
L1 
1.5uH 
inductor, ferrite, 1.5uH, 16.0A, 3.8mOhm, 
SMT 
Cyntec 
PIMB104T‐1R5MS‐39 
3 
R1, R2, R5 
10.0K 
resistor, thick film, 10.0K, 1/10W, 0.01, 0603 
KOA 
RK73H1J1002F 
1 
R3 
200K 
resistor, thick film, 200K, 1/10W, 0.01, 603 
KOA 
RK73H1JLTD2003F 
1 
R4 
10.5K 
resistor, thick film, 10.5K, 1/10W, 0.01, 603 
KOA 
RK73H1JLTD1052F 
1 
R7 
2.80K 
resistor, thick film, 2.80K, 1/10W, 0.01, 603 
KOA 
RK73H1JLTD2801F 
1 
R8 
2.55K 
resistor, thick film, 2.55K, 1/10W, 0.01, 0603 
KOA 
RK73H1J2551F 
1 
SW1 
Switch 
switch, DIP, SPST, 2 position, SMT 
C&K Components 
SD02H0SK 
1 
U1 
IR3476 
5mm x 6mm QFN 
IRF 
IR3476MTRPBF 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com