Electronic Components Datasheet Search
  English  ▼

X  

IR3598 Datasheet(PDF) 8 Page - International Rectifier

Part # IR3598
Description  Dual/Doubler Interleaved MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3598 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3598 Datasheet HTML 4Page - International Rectifier IR3598 Datasheet HTML 5Page - International Rectifier IR3598 Datasheet HTML 6Page - International Rectifier IR3598 Datasheet HTML 7Page - International Rectifier IR3598 Datasheet HTML 8Page - International Rectifier IR3598 Datasheet HTML 9Page - International Rectifier IR3598 Datasheet HTML 10Page - International Rectifier IR3598 Datasheet HTML 11Page - International Rectifier IR3598 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Dual/Doubler Interleaved MOSFET Driver
October 27, 2011 | FINAL | V1.09
8
IR3598
ELECTRICAL SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH MARGIN
Recommended Operating Ambient Temperature Range
0°C to 85°C
Maximum Operating Junction Temperature
125°C
VCC Supply Voltage Range
+5V ± 10%
VDRV
4.0V to 13.2V
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications were tested at +25°C. VCC = VDRV = 5.0V.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply
Supply Bias Current Shutdown – Dual
Mode
IVCC + IVDRV
ENABLE LOW
1.8
2.1
2.7
mA
Supply Bias Current Idle – Dual Mode
IVCC + IVDRV
Tri-stated Gate Driver
2.6
3.3
4.0
mA
Supply Bias Current Idle – Doubler Mode
IVCC + IVDRV
Tri-stated Gate Driver
2.1
2.9
3.6
mA
Supply Bias Current ―Note 1
IVCC + IVDRV
fPWM = 300kHz, no load
-
4.5
-
mA
VCC Rising Threshold for POR
3.55
3.80
3.98
V
VCC Falling Threshold for POR
3.20
3.50
3.80
V
Vdrive Rising Threshold for POR
3.55
3.80
3.98
V
Vdrive Falling Threshold for POR
2.50
2.75
3.00
V
PWM Input IR ATL Mode
PWM Input Pull-Up Voltage
VPWM_pull up
PWM Input Floating
-
4.0
-
V
PWM Input High Threshold
VIH(C_PWM)
0.9
1.15
1.3
V
PWM Input Low Threshold
VIL(C_PWM)
0.7
0.95
1.1
V
PWM Tri-level High Threshold
VTL(C_PWM)
2.4
2.65
2.9
V
PWM Tri-level Low Threshold
VTH(C_PWM)
2.2
2.5
2.7
V
PWM Input Current Low
IC_PWM
VPWM = 0V
0.7
1.0
1.4
mA
PWM Input Current High
VPWM = 1.8V
0.7
1.0
1.4
mA
PWM Input Current Tri-state
VPWM = 3.3V
60
125
190
uA
PWM Input Tri-State Mode (+3.3V or +5V signal level)
PWM Input Rising Threshold, Note 1
VIH(C_PWM)
-
1.65
-
V
PWM Input Falling Threshold, Note 1
VIL(C_PWM)
-
1.3
-
V
Tri-State LO_GATE Threshold
0.7
0.95
1.1
V
Tri-State LO_GATE Hysteresis
100
200
300
mV
Tri-State HI_GATE Threshold
2.4
2.65
2.9
V
Tri-State HI_GATE Hysteresis
100
200
300
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com