Electronic Components Datasheet Search
  English  ▼

X  

EVUE Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EVUE
Description  9 mm Square Rotary Potentiometers with Insulated Shaft Audio Equipment
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVUE Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EVUE Datasheet HTML 1Page - Panasonic Semiconductor EVUE Datasheet HTML 2Page - Panasonic Semiconductor EVUE Datasheet HTML 3Page - Panasonic Semiconductor EVUE Datasheet HTML 4Page - Panasonic Semiconductor EVUE Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Rotary Potentiometers/EVUE/EVUF
3.7
H=8.5
L
5.0
3.7
Mounting surface
9.7
8.0
5.0
0
– 0.2
M9,P=0.75
#1 #2 #3
1.6
10.60
±0.05
5.00
±0.05
3-
f1.1
+0.1
0
#1 #2 #3
Recommended PWB piercing plan
(Pitch tolerance:
±0.1)
View from mounting side
Side A
Side A
H=8.5
L
5.0
6.5
9.7
5.0
f9.0
2.0
±0.1
2.4
7.5
2.2
9.8
±0.4
Recommended PWB piercing plan
(Pitch tolerance:
±0.1)
View from mounting side
7.5
2.2
5.0
#3
#2
#1
8.0
0
–0.2
7.4
+0.2
–0.4
3-0.8
0
–0.1
2.2
+0.1
0
3-
f1.1
0.1
0
+
3.7
1.6 max.
H=7.5
L
5.0
3.7
9.7
5.0
8.0
0
– 0.2
f9.0
#1 #2 #3
1.6
10.60
±0.05
5.00
±0.05
#1 #2 #3
Recommended PWB piercing plan
(Pitch tolerance:
±0.1)
View from mounting side
Side A
2-
f1.6
0.1
0
+
3-
f1.1
0.1
0
+
3.7
H=8.5
L
5.0
3.7
9.7
5.0
8.0
0
– 0.2
f9.0
#1 #2 #3
1.6
10.60
±0.05
5.00
±0.05
#1 #2 #3
Recommended PWB piercing plan
(Pitch tolerance:
±0.1)
View from mounting side
Side A
3-
f1.1
0.1
0
+
without midpoint detent: EVUF2K
Vertical, Snap-in ................................................................................................................... with midpoint detent: EVUF3K
without midpoint detent: EVUF2L
Vertical, Snap-in .................................................................................................................. with midpoint detent: EVUF3L
without midpoint detent: EVUF2M
Vertical, Snap-in .................................................................................................................. with midpoint detent: EVUF3M
● Single Type with Sleeve
without midpoint detent: EVUE27, EVUE2K
Horizontal, Snap-in, Mounting Height H=10.0 mm .............................................. with midpoint detent: EVUE37, EVUE3K
Japan
No. 8
Japan
No. 7
Japan
No. 6
Japan
No. 5
Mar. 2005



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com