Electronic Components Datasheet Search
  English  ▼

X  

EVUE21 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EVUE21
Description  9 mm Square Rotary Potentiometers with Insulated Shaft Audio Equipment
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVUE21 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EVUE21 Datasheet HTML 1Page - Panasonic Semiconductor EVUE21 Datasheet HTML 2Page - Panasonic Semiconductor EVUE21 Datasheet HTML 3Page - Panasonic Semiconductor EVUE21 Datasheet HTML 4Page - Panasonic Semiconductor EVUE21 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Rotary Potentiometers/EVUE/EVUF
2.1
+0.1
0
3.30
±0.05
9.5
±0.2
5.0
2.0
0
-0.1
6.85
2.4
L
±0.5
6.8
4.8 1.1
2-
f1.4
0
-0.1
3-0.8
±0.1
9.8
±0.4
7.4
+0.2
-0.4
Recommended PWB piercing plan
(Pitch tolerance :
±0.1)
View from mounting side
2-
f1.4
3-
f1.1
+0.1
0
3.3
#2
2-
f1.4
hole
XX’
5.0
#3
#1
3.25
3.7 6.9 1.1
L
9.5
±0.2
5.0
2-
f1.4
hole
Recommended PWB piercing plan
(Pitch tolerance:
±0.1)
5.00
±0.05
+0.1
0
±0.5
4.8
View from mounting side
2-
f1.4
5.0
3-0.8
±0.1
10.60
±0.05
3-f1.1
#2 #3
1.6
#1
#2 #3
#1
2-
f1.4
0
-0.1
XX’
8.7
+0.6
-0.4
11.2
+0.4
-0.2
8.5
L
5.0
Mounting surface
6.5
9.7
8.0
5.0
0
– 0.2
M9,P=0.75
2.0
±0.1
2.4
7.5
2.2
7.4
+0.2
9.8
±0.4
3-0.8
0
– 0.1
Recommended PWB piercing plan
(Pitch tolerance:
±0.1)
View from mounting side
7.5
2.2
+0.1
2.2
3-
f1.1
+0.1
0
Mounting surface
5.0
#3
#2
#1
–0.4
0
3.7
1.6 max.
H=7.5
L
5.0
3.7
Mounting surface
9.7
8.0
5.0
0
– 0.2
M9,P=0.75
#1 #2 #3
1.6
10.60
±0.05
2-
f1.6
+0.1
0
5.00
±0.05
3-
f1.1
+0.1
0
#1 #2 #3
Recommended PWB piercing plan
(Pitch tolerance:
±0.1)
View from mounting side
■ Dimensions in mm (not to scale)
● Single Type without Bushing
without midpoint detent: EVUE20, EVUE2A, EVUE21
Horizontal, Snap-in ............................................................................... with midpoint detent: EVUE30, EVUE3A, EVUE31
Japan
No. 4
Japan
No. 3
Japan
Malaysia
No. 2
Japan
Malaysia
No. 1
● Single Type with Bushing
without midpoint detent: EVUE25, EVUE2J
Horizontal, Snap-in ............................................................................................... with midpoint detent: EVUE35, EVUE3J
without midpoint detent: EVUF2J
Vertical, Snap-in .................................................................................................................. with midpoint detent: EVUF3J
without midpoint detent: EVUF2A
Vertical, Snap-in................................................................................................................... with midpoint detent: EVUF3A
Mar. 2005



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com