Electronic Components Datasheet Search
  English  ▼

X  

EVUE35 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVUE35
Description  9 mm Square Rotary Potentiometers with Insulated Shaft Audio Equipment
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVUE35 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVUE35 Datasheet HTML 1Page - Panasonic Semiconductor EVUE35 Datasheet HTML 2Page - Panasonic Semiconductor EVUE35 Datasheet HTML 3Page - Panasonic Semiconductor EVUE35 Datasheet HTML 4Page - Panasonic Semiconductor EVUE35 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Rotary Potentiometers/EVUE/EVUF
100
80
60
40
33
20
020
40
60 70
Power Derating Curve
Ambient Temperature(˚C)
■ Specifications
Classification
Item
Type without bushing
Type with bushing
Type with sleeve
Mechanical
Specifications
Rotation Angle
300 °
Rotation Torque
1 mN·m to 8 mN·m (after rotation started) 1 mN·m to 20 mN·m (after rotation started) 1 mN·m to 20 mN·m (after rotation started)
Shaft Stopper Strength
300 mN·m
Shaft wobble
● Shaft bend and shaft wobble shall be
0.8
L
(mm) max. (for one side)
When moment of
25 mN·m is applied.
● L=Distance between mounting
surface and measuring point
● Shaft bend and shaft wobble shall be
0.5
L
(mm) max. (for one side)
When moment of
50 mN·m is applied.
● L=Distance between mounting
surface and measuring point
● Shaft bend and shaft wobble shall be
0.7
L
(mm) max. (for one side)
When moment of
50 mN·m is applied.
● L=Distance between mounting
surface and measuring point
Shaft Pull/Push Strength
Push strength
100 N min.
Pull strength
100 N min.
Push strength
100 N min.
Pull strength
100 N min.
Push strength
100 N min.
Pull strength
100 N min.
Nut Tightening Torque
—
1 N·m max.
—
Electrical
Specifications
Nominal Total Resistance 1 k
to 1 M , 300 k
to 2 M
for taper B (Tolerance ±20 %)
Taper
A, B, C, D, G
Power Rating
0.05 W (0 °C to 50 °C)
For potentiometers operating in ambient
temperatures above 50 °C, Rating should
be derated in accordance with the figure
on the right.
Residual Resistance
Insulation Resistance
50 M
min. at 250 Vdc
Dielectric Withstand Voltage 250 Vac for 1 minute
Noise Level
100 mV max.
Apply 20 V (When Voltage Rating < 20 V, use the rated voltage.)
Rotate shaft at 30 r/min.
EnduranceOperating Life
10000 cycles min.
Minimum Quantity/Packing Unit
EVUE/EVUF : 200 pcs. Polyethylene Bag (Bulk)
Quantity/Carton
EVUE/EVUF : 2000 pcs.
(
) (
) (
)
Semi-standard
A, B, D, G
T1 & T2
B, C, G
T2 & T3
A, D
T2 & T3
C
T1 & T2
R
< 2 k
2
max.
20
max.
2 k
< R
< 50 k
2
max.
25
max.
50 k
< R
< 250 k
25
max.
50
max.
R >250 k
100
max.
100
max.
Standard
R
< 50 k
50
max.
50 k
<R
< 1 M
100
max.
1 M
<R
< 2 M
200
max.
30
30
20
Dec. 2005



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com