Electronic Components Datasheet Search
  English  ▼

X  

MCR03EZPFX1002 Datasheet(PDF) 23 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 23 Page - International Rectifier

Back Button MCR03EZPFX1002 Datasheet HTML 19Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 20Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 21Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 22Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 23Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 24Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 25Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 26Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 27Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Rev 8.0
23
PD-97658
IR3841WMPbF
Detailed calculation of compensation TypeIII
Ω
=
Ω
=
=
Ω
=
Ω
=
=
Ω
=
Ω
=
=
=
=
=
=
=
=
Ω
=
Ω
=
=
=
=
=
=
=
=
Θ
−
Θ
+
=
=
Θ
+
Θ
−
=
=
Θ
k
2.55
:
Select
k
2.56
;
*
k
4.02
:
Select
,
k
3.97
;
*
*
130
:
Select
,
128
;
*
*
:
and
,
Calculate
pF
150
:
Select
,
pF
176.25
;
*
*
nF
10
:
Select
nF,
6
;
*
*
2
1
k
3.01
:
Select
k
3.05
;
*
*
*
*
*
:
and
,
Calculate
nF
2.2
C
:
Select
kHz
300
*
0.5
and
kHz
8.82
*
.
:
Select
kHz
567.1
sin
sin
kHz
17.63
sin
sin
70
Margin
Phase
Desired
3
7
o
9
9
8
9
8
8
10
2
7
8
10
10
2
7
10
9
8
10
3
3
3
3
3
4
4
1
4
3
3
7
3
4
3
3
3
2
1
2
2
-
-
2
1
2
1
2
1
2
5
0
1
1
1
1
R
R
R
V
V
V
R
R
R
R
F
C
R
R
R
F
C
R
R
R
R
C
C
R
F
C
C
C
R
F
C
R
R
V
C
V
C
L
F
R
C
C
R
F
F
F
F
F
F
F
F
ref
o
ref
Z
P
P
Z
in
osc
o
o
o
s
P
Z
Z
o
P
o
Z
π
π
π
π
π
Programming the Current-Limit
The Current-Limit threshold can be set by
connecting a resistor (R
OCSET) from the SW pin
to the OCSet pin. The resistor can be calculated
by using equation (4). This resistor ROCSET
must be placed close to the IC.
The
R
DS(on)
has
a
positive
temperature
coefficient and it should be considered for the
worst case operation.
Setting the Power Good Threshold
A window comparator internally sets a lower
Power Good threshold at 0.6V and an upper
Power Good threshold at 0.8V. When the voltage
at the FB pin is within the window set by these
thresholds, PGood is asserted.
The PGood is an open drain output. Hence, it is
necessary to use a pull up resistor R
PG from
PGood pin to Vcc.
The value of the pull-up
resistor must be chosen such as to limit the
current flowing into the PGood pin, when the
output voltage is not in regulation, to less than 5
mA. A typical value used is 10kΩ.
kΩ
2.15
R
Select
kΩ
2.15
R
kHz)
600
F
(at
μA
59.07
I
)
current
output
nominal
over
(50%
A
12
1.5
A
8
I
I
mΩ
10.625
1.25
mΩ
8.5
R
OCSet
s
OCSet
)
LIM
(
o
SET
)
on
(
DS
=
=
=
=
=
=
≅
=
=
7
*
*
(32)
...
..........
..........
)
(
)
(
R
I
R
I
I
on
DS
OCSet
OCSet
critical
L
SET
∗
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com