Electronic Components Datasheet Search
  English  ▼

X  

TP0610K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TP0610K
Description  P-Channel 60 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0610K Datasheet(HTML) 2 Page - Vishay Siliconix

  TP0610K Datasheet HTML 1Page - Vishay Siliconix TP0610K Datasheet HTML 2Page - Vishay Siliconix TP0610K Datasheet HTML 3Page - Vishay Siliconix TP0610K Datasheet HTML 4Page - Vishay Siliconix TP0610K Datasheet HTML 5Page - Vishay Siliconix TP0610K Datasheet HTML 6Page - Vishay Siliconix TP0610K Datasheet HTML 7Page - Vishay Siliconix TP0610K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 71411
S10-1476-Rev. H, 05-Jul-10
Vishay Siliconix
TP0610K
Notes:
a. Pulse test: PW
 300 µs duty cycle  2 %.
b. Switching time is essentially independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.a
Max.
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 10 µA
- 60
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1
- 3
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 10
µA
VDS = 0 V, VGS = ± 10 V
± 200
nA
VDS = 0 V, VGS = ± 10 V, TJ = 85 °C
± 500
VDS = 0 V, VGS = ± 5 V
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = - 60 V, VGS = 0 V
- 25
VDS = - 60 V, VGS = 0 V, TJ = 85 °C
- 250
On-State Drain Currenta
ID(on)
VGS = - 10 V, VDS = - 4.5 V
- 50
mA
VGS = - 10 V, VDS = - 10 V
- 600
Drain-Source On-Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 25 mA
10
VGS = - 10 V, ID = - 500 mA
6
VGS = - 10 V, ID = - 500 mA, TJ =125 °C
9
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 100 mA
80
mS
Diode Forward Voltage
VSD
IS = - 200 mA, VGS = 0 V
- 1.4
V
Dynamic
Total Gate Charge
Qg
VDS = - 30 V, VGS = - 15 V
ID  - 500 mA
1.7
nC
Gate-Source Charge
Qgs
0.26
Gate-Drain Charge
Qgd
0.46
Input Capacitance
Ciss
VDS = - 25 V, VGS = 0 V
f = 1 MHz
23
pF
Output Capacitance
Coss
10
Reverse Transfer Capacitance
Crss
5
Switchingb
Turn-On Time
td(on)
VDD = - 25 V, RL = 150 
ID  - 200 mA, VGEN = - 10 V, Rg = 10 
20
ns
Turn-Off Time
td(off)
35



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com