Electronic Components Datasheet Search
  English  ▼

X  

TZM5259B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TZM5259B
Description  Small Signal Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZM5259B Datasheet(HTML) 1 Page - Vishay Siliconix

  TZM5259B Datasheet HTML 1Page - Vishay Siliconix TZM5259B Datasheet HTML 2Page - Vishay Siliconix TZM5259B Datasheet HTML 3Page - Vishay Siliconix TZM5259B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TZM5221B to TZM5267B
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 22-Nov-12
1
Document Number: 85609
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Zener Diodes
FEATURES
• Very sharp reverse characteristic
• Very high stability
• Electrical
data
identical
with
the
devices
1N5221B to 1N5267B
• Low reverse current level
•VZ - tolerance ± 5 %
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Voltage stabilization
PRIMARY CHARACTERISTICS
PARAMETER
VALUE
UNIT
VZ range nom.
2.4 to 75
V
Test current IZT
1.7 to 20
mA
VZ specification
Thermal equilibrium
Int. construction
Single
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
MINIMUM ORDER QUANTITY
TZM5521B to TZM5267B
TZM5521B to
TZM5267B-series-GS18
10 000 (8 mm tape on 13" reel)
10 000/box
TZM5521B to TZM5267B
TZM5521B to
TZM5267B-series-GS08
2500 (8 mm tape on 7" reel)
12 500/box
PACKAGE
PACKAGE NAME
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING
CONDITIONS
MiniMELF SOD-80
31 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
RthJA = < 300 K/W
Ptot
500
mW
Zener current
IZ
Ptot/VZ
mA
Junction to ambient air
On PC board 50 mm x 50 mm x 1.6 mm
RthJA
500
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C
Forward voltage (max.)
IF = 200 mA
VF
1.1
V


Similar Part No. - TZM5259B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZM5259B VISHAY-TZM5259B Datasheet
59Kb / 4P
Silicon Z-Diodes
01-Apr-99
logo
TAITRON Components Inco...
TZM5259B TAITRON-TZM5259B Datasheet
204Kb / 5P
500mW Surface Mount Zener Diodes
logo
Vishay Siliconix
TZM5259B VISHAY-TZM5259B Datasheet
81Kb / 5P
Small Signal Zener Diodes
21-Mar-06
TZM5259B VISHAY-TZM5259B Datasheet
78Kb / 4P
Small Signal Zener Diodes
29-Nov-11
TZM5259B VISHAY-TZM5259B Datasheet
76Kb / 4P
Small Signal Zener Diodes
22-Nov-12
More results

Similar Description - TZM5259B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
Small Signal Zener Diodes
23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
Small Signal Zener Diodes
15-Mar-06
TZM VISHAY-TZM Datasheet
104Kb / 8P
Small Signal Zener Diodes
28-Feb-06
MMSZ5245B-V-GS08 VISHAY-MMSZ5245B-V-GS08 Datasheet
80Kb / 4P
Small Signal Zener Diodes
27-Feb-13
1N5242BTR VISHAY-1N5242BTR Datasheet
99Kb / 6P
Small Signal Zener Diodes
06-May-13
TLZ5V6B-GS08 VISHAY-TLZ5V6B-GS08 Datasheet
110Kb / 8P
Small Signal Zener Diodes
26-Jun-12
BZX84-V_SERIES VISHAY-BZX84-V_SERIES Datasheet
114Kb / 8P
Small Signal Zener Diodes
08-Dec-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
Small Signal Zener Diodes
27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
Small Signal Zener Diodes
22-Nov-12
TZM5242B-GS08 VISHAY-TZM5242B-GS08 Datasheet
76Kb / 4P
Small Signal Zener Diodes
22-Nov-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com