Electronic Components Datasheet Search
  English  ▼

X  

IQS128L Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # IQS128L
Description  Single Channel Capacitive Proximity, Touch Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS128L Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button IQS128L Datasheet HTML 17Page - List of Unclassifed Manufacturers IQS128L Datasheet HTML 18Page - List of Unclassifed Manufacturers IQS128L Datasheet HTML 19Page - List of Unclassifed Manufacturers IQS128L Datasheet HTML 20Page - List of Unclassifed Manufacturers IQS128L Datasheet HTML 21Page - List of Unclassifed Manufacturers IQS128L Datasheet HTML 22Page - List of Unclassifed Manufacturers IQS128L Datasheet HTML 23Page - List of Unclassifed Manufacturers IQS128L Datasheet HTML 24Page - List of Unclassifed Manufacturers IQS128L Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
IQ Switch® ProxSense® Series
Copyright © Azoteq (Pty) Ltd 2012
IQS128 & IQS128L Datasheet v2.4
Page 21 of 33
All Rights Reserved
November 2012
9 DYCAL Specific settings
9.1 REL_TTHR: Release Threshold
(IQS128L)
The IQS128L has the option to increase the
release threshold when in TM. This helps
that small variations caused by moving a
finger/hand on a touch pad will not cause the
IC to exit TM, making the solution more
robust. The options available are shown
below:
Configuration: Bank2 bit4: REL_TTHR
Bit
Selection
0
75%
1
87.5%
9.2 DYCAL_OUTPUT (IQS128L)
The IQS128L can be configured to activate
the OUT pin with either a proximity event or
a touch event.
Choosing a proximity event, will make the
activation of OUT more sensitive.
Using a touch event to activate OUT will
make the system less sensitive which is
needed in some applications. The LTA will
still halt with the detection of a proximity but
will not have an influence on the OUT pin.
The LTA will still re-calibrate once a touch
condition is detected.
Configuration: Bank2 bit5:DYCAL_OUTPUT
Bit
Selection
0
Proximity
1
Touch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com