Electronic Components Datasheet Search
  English  ▼

X  

L6598 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6598
Description  High voltage resonant controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6598 Datasheet HTML 11Page - STMicroelectronics L6598 Datasheet HTML 12Page - STMicroelectronics L6598 Datasheet HTML 13Page - STMicroelectronics L6598 Datasheet HTML 14Page - STMicroelectronics L6598 Datasheet HTML 15Page - STMicroelectronics L6598 Datasheet HTML 16Page - STMicroelectronics L6598 Datasheet HTML 17Page - STMicroelectronics L6598 Datasheet HTML 18Page - STMicroelectronics L6598 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
L6598
Block diagram description
Doc ID 6554 Rev 7
15/24
5.5
Comparators
Two CMOS comparators are available to perform protection schemes.
Short pulses (≥ 200 ns) on comparators input are recognized. The EN1 input (active high),
has a threshold of 0.6 V (typical value) forces the device in a latched shut down state (e.g.
LVG low, HVG low, oscillator stopped), as in the under voltage conditions. Normal operating
conditions are resumed after a power-off power-on sequence. The EN2 input (active high),
with a threshold of 1.2 V (typical value) restarts a Soft Start sequence (see timing
diagrams). In addition the EN2 comparator, when activated, removes a latched shutdown
caused by EN1.
Figure 14.
Switching time waveform definitions
Figure 15.
Dead time and duty cycle waveform definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com