Electronic Components Datasheet Search
  English  ▼

X  

BA2901YFVC Datasheet(PDF) 4 Page - Rohm

Part # BA2901YFVC
Description  Automotive Ground Sense Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2901YFVC Datasheet(HTML) 4 Page - Rohm

  BA2901YFVC Datasheet HTML 1Page - Rohm BA2901YFVC Datasheet HTML 2Page - Rohm BA2901YFVC Datasheet HTML 3Page - Rohm BA2901YFVC Datasheet HTML 4Page - Rohm BA2901YFVC Datasheet HTML 5Page - Rohm BA2901YFVC Datasheet HTML 6Page - Rohm BA2901YFVC Datasheet HTML 7Page - Rohm BA2901YFVC Datasheet HTML 8Page - Rohm BA2901YFVC Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RFR1G200120-1-2
TSZ22111・15・001
4/29
11.Mar.2013 Rev.003
BA2903Yxxx-C, BA2901Yxx-C
Datasheet
Electrical Characteristics
○BA2903Yxxx-C (Unless otherwise specified VCC=+5V, VEE=0V)
Parameter
Symbol
Temperature
range
Limits
Unit
Conditions
Min.
Typ.
Max.
Input Offset Voltage
*9
Vio
25℃
-
2
4
mV
OUT=1.4V
Full range
-
-
5
VCC=5~36V,OUT=1.4V
Input Offset Current
*9
Iio
25℃
-
5
40
nA
OUT=1.4V
Full range
-
-
50
Input Bias Current
*9
Ib
25℃
-
50
250
nA
OUT=1.4V
Full range
-
-
275
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V-
Full range
0
-
VCC-2.0
Large Signal Voltage Gain
Av
25℃
88
100
-
dB
VCC=15V, OUT=1.4~11.4V
RL=15k
Ω, VRL=15V
Full range
74
-
-
Supply Current
ICC
25℃
-
0.6
1
mA
OUT=open
Full range
-
-
2.5
OUT=open, VCC=36V
Output Sink Current
*10
Isink
25℃
6
16
-
mA VIN+=0V, VIN-=1V, VOL=1.5V
Output Saturation Voltage
(Low level output voltage)
VOL
25℃
-
150
400
mV
VIN+=0V, VIN-=1V,
Isink=4mA
Full range
-
-
700
Output Leakage Current
(High level output current)
Ileak
25℃
-
0.1
-
μA
VIN+=1V, VIN-=0V, VOH=5V
Full range
-
-
1
VIN+=1V, VIN-=0V, VOH=36V
Response Time
Tre
25℃
-
1.3
-
μs
RL=5.1k
Ω, VRL=5V
VIN=100mVP-P, overdrive=5mV
-
0.4
-
RL=5.1k
Ω, VRL=5V, VIN=TTL
Logic Swing, VREF=1.4V
Operable Frequency
Fopr
25℃
100
-
-
kHz
VCC=5V, RL=2k
Ω, VIN+=1.5V,VIN-=5Vp-p
(Duty 50% Rectangular Pulse)
*9
Absolute value
*10 Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.
○BA2901Yxx-C (Unless otherwise specified VCC=+5V, VEE=0V)
Parameter
Symbol
Temperature
range
Limits
Unit
Conditions
Min.
Typ.
Max.
Input Offset Voltage
*11
Vio
25℃
-
2
4
mV
OUT=1.4V
Full range
-
-
5
VCC=5~36V,OUT=1.4V
Input Offset Current
*11
Iio
25℃
-
5
40
nA
OUT=1.4V
Full range
-
-
50
Input Bias Current
*11
Ib
25℃
-
50
250
nA
OUT=1.4V
Full range
-
-
275
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V-
Full range
0
-
VCC-2.0
Large Signal Voltage Gain
Av
25℃
88
100
-
dB
VCC=15V, OUT=1.4~11.4V
RL=15k
Ω, VRL=15V
Full range
74
-
-
Supply Current
ICC
25℃
-
0.8
2
mA
OUT=open
Full range
-
-
2.5
OUT=open, VCC=36V
Output Sink Current
*12
Isink
25℃
6
16
-
mA VIN+=0V, VIN-=1V, VOL=1.5V
Output Saturation Voltage
(Low level output voltage)
VOL
25℃
-
150
400
mV
VIN+=0V, VIN-=1V,
Isink=4mA
Full range
-
-
700
Output Leakage Current
(High level output current)
Ileak
25℃
-
0.1
-
μA
VIN+=1V, VIN-=0V, VOH=5V
Full range
-
-
1
VIN+=1V, VIN-=0V, VOH=36V
Response Time
Tre
25℃
-
1.3
-
μs
RL=5.1k
Ω, VRL=5V
VIN=100mVP-P, overdrive=5mV
-
0.4
-
RL=5.1k
Ω, VRL=5V, VIN=TTL
Logic Swing, VREF=1.4V
Operable Frequency
Fopr
25℃
100
-
-
kHz
VCC=5V, RL=2k
Ω, VIN+=1.5V,VIN-=5Vp-p
(Duty 50% Rectangular Pulse)
*11 Absolute value
*12 Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com