Electronic Components Datasheet Search
  English  ▼

X  

ACAS0612 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ACAS0612
Description  Precision Thin Film Chip Resistor Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACAS0612 Datasheet(HTML) 2 Page - Vishay Siliconix

  ACAS0612_13 Datasheet HTML 1Page - Vishay Siliconix ACAS0612_13 Datasheet HTML 2Page - Vishay Siliconix ACAS0612_13 Datasheet HTML 3Page - Vishay Siliconix ACAS0612_13 Datasheet HTML 4Page - Vishay Siliconix ACAS0612_13 Datasheet HTML 5Page - Vishay Siliconix ACAS0612_13 Datasheet HTML 6Page - Vishay Siliconix ACAS0612_13 Datasheet HTML 7Page - Vishay Siliconix ACAS0612_13 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACAS 0612 - Precision
www.vishay.com
Vishay Beyschlag
Revision: 12-Apr-13
2
Document Number: 28751
For technical questions, contact: thinfilmarray@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION INFORMATION
The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow
support of the printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature is
not exceeded. These resistors do not feature a limited lifetime when operated within the permissible limits.
Note
(1) Figures are given for arrays with equal values, design type AE.
CIRCUITS
MAXIMUM RESISTANCE CHANGE AT RATED POWER (1)
DESCRIPTION
ACAS 0612
Configuration, isolated
4 x 0603
Operation mode
Precision
Standard
Rated power per element, P70
0.032 W
0.1 W
Rated power per packaging, P70
0.1 W
0.3 W
Film temperature
85 °C
125 °C
Operating voltage, Umax. AC/DC
25 V
75 V
Max. resistance change at P70
R/R max., after:
1000 h
± 0.1 %
± 0.25 %
8000 h
± 0.25 %
± 0.5 %
Max. relative resistance change (relative drift) at P70
R/R max., after:
1000 h
± 0.05 %
± 0.125 %
8000 h
± 0.125 %
± 0.25 %
DESIGN
ACAS 0612
AE
R1 = R2 = R3 = R4
TP
R1 = R4 < R2 = R3
1
R
2
R
3
R
4
R
ACAS 0612



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com