Electronic Components Datasheet Search
  English  ▼

X  

OPA129UB Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA129UB
Description  Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA129UB Datasheet(HTML) 2 Page - Texas Instruments

  OPA129UB Datasheet HTML 1Page - Texas Instruments OPA129UB Datasheet HTML 2Page - Texas Instruments OPA129UB Datasheet HTML 3Page - Texas Instruments OPA129UB Datasheet HTML 4Page - Texas Instruments OPA129UB Datasheet HTML 5Page - Texas Instruments OPA129UB Datasheet HTML 6Page - Texas Instruments OPA129UB Datasheet HTML 7Page - Texas Instruments OPA129UB Datasheet HTML 8Page - Texas Instruments OPA129UB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
OPA129
2
SBOS026A
www.ti.com
SPECIFICATIONS
ELECTRICAL
At VS = ±15V and TA = +25°C, unless otherwise noted. Pin 8 connected to ground.
NOTES: (1) High-speed automated test.
(2) Overload recovery is defined as the time required for the output to return from saturation to linear operation following the removal of a 50% input
overdrive.
OPA129PB, UB
OPA129P, U
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT BIAS CURRENT(1)
VCM = 0V
±30
±100
*
±250
fA
vs Temperature
Doubles every 10
°C*
INPUT OFFSET CURRENT
VCM = 0V
±30
*
fA
OFFSET VOLTAGE
Input Offset Voltage
VCM = 0V
±0.5
±2
±1
±5mV
vs Temperature
±3
±10
±5
µV/°C
Supply Rejection
VS = ±5V to ±18V
±3
±100
*
*
µV/V
NOISE
Voltage
f = 10Hz
85
*
nV/
√Hz
f = 100Hz
28
*
nV/
√Hz
f = 1kHz
17
*
nV/
√Hz
f = 10kHz
15
*
nV/
√Hz
fB = 0.1Hz to 10Hz
4
*
µV
PP
Current
f = 10kHz
0.1
*
fA/
√Hz
INPUT IMPEDANCE
Differential
1013 || 1
*
Ω || pF
Common-Mode
1015 || 2
*
Ω || pF
VOLTAGE RANGE
Common-Mode Input Range
±10
±12
*
*
V
Common-Mode Rejection
VIN = ±10V
80
118
*
*
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL ≥ 2kΩ
94
120
*
*
dB
FREQUENCY RESPONSE
Unity Gain, Small Signal
1
*
MHz
Full Power Response
20Vp-p, RL = 2kΩ
47
*
kHz
Slew Rate
VO = ±10V, RL = 2kΩ
1
2.5
*
*
V/
µs
Settling Time:
G = –1, RL = 2kΩ, 10V Step
0.1%
5*
µs
0.01%
10
*
µs
Overload Recovery, 50% Overdrive(2)
G = –15
*
µs
RATED OUTPUT
Voltage Output
RL = 2kΩ±12
±13
*
*
V
Current Output
VO = ±12V
±6
±10
*
*
mA
Load Capacitance Stability
Gain = +1
1000
*
pF
Short-Circuit Current
±35
±55
*
*
mA
POWER SUPPLY
Rated Voltage
±15
*
V
Voltage Range, Derated Performance
±5
±18
*
*
V
Current, Quiescent
IO = 0mA
1.2
1.8
*
*
mA
TEMPERATURE
Specification
Ambient Temperature
–40
+85
*
*
°C
Operating
Ambient Temperature
–40
+125
*
*
°C
Storage
–40
+125
*
*
°C
Thermal Resistance
θ
JA, Junction-to-Ambient
DIP-8
90
*
°C/W
SO-8
100
*
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com