Electronic Components Datasheet Search
  English  ▼

X  

AD7911ARMZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7911ARMZ
Description  2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7911ARMZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7911ARMZ Datasheet HTML 9Page - Analog Devices AD7911ARMZ Datasheet HTML 10Page - Analog Devices AD7911ARMZ Datasheet HTML 11Page - Analog Devices AD7911ARMZ Datasheet HTML 12Page - Analog Devices AD7911ARMZ Datasheet HTML 13Page - Analog Devices AD7911ARMZ Datasheet HTML 14Page - Analog Devices AD7911ARMZ Datasheet HTML 15Page - Analog Devices AD7911ARMZ Datasheet HTML 16Page - Analog Devices AD7911ARMZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7911/AD7921
Rev. A | Page 13 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 10 and Figure 11 show typical FFT plots for the AD7921
and AD7911, respectively, at a 250 kSPS sample rate and
100 kHz input frequency.
Figure 12 shows the SINAD ratio performance versus the input
frequency for various supply voltages while sampling at
250 kSPS with a SCLK frequency of 5 MHz for the AD7921.
Figure 13 shows the SNR ratio performance versus the input
frequency for various supply voltages while sampling at
250 kSPS with an SCLK frequency of 5 MHz for the AD7921.
Figure 14 and Figure 15 show INL and DNL performance for
the AD7921.
Figure 16 shows a graph of the total harmonic distortion versus
the analog input frequency for different source impedances
when using a supply voltage of 3.6 V and a sampling rate of
250 kSPS. See the Analog Input section.
Figure 17 shows a graph of the total harmonic distortion versus
the analog input frequency for various supply voltages while
sampling at 250 kSPS with an SCLK frequency of 5 MHz.
Figure 18 shows the shutdown current versus the voltage supply
for different operating temperatures.
5
–115
–95
–75
–55
–35
–15
0
20
40
60
80
100
120
FREQUENCY (kHz)
8192 POINT FFT
VDD = 2.7V
FSAMP = 250kSPS
FIN = 100kHz
SNR = 73.13dB
SINAD = 72.73dB
THD = –83.30dB
SFDR = –86.15dB
Figure 10. AD7921 Dynamic Performance at 250 kSPS
8192 POINT FFT
VDD = 2.7V
FSAMP = 250kSPS
FIN = 100kHz
SNR = 73.13dB
SINAD = 72.73dB
THD = –83.30dB
SFDR = –86.15dB
5
–115
–95
–75
–55
–35
–15
0
20
40
60
80
100
120
FREQUENCY (kHz)
8192 POINT FFT
VDD = 2.7V
FSAMP = 250kSPS
FIN = 100kHz
SNR = 61.75dB
SINAD = 61.74dB
THD = –86.24dB
SFDR = –84.46dB
Figure 11. AD7911 Dynamic Performance at 250 kSPS
–70.5
–74.0
–73.5
–73.0
–72.5
–72.0
–71.5
–71.0
10
100
1k
FREQUENCY (kHz)
VDD = 3.6V
VDD = 5.25V
VDD = 4.75V
VDD = 2.35V
VDD = 2.7V
Figure 12. AD7921 SINAD vs. Input Frequency at 250 kSPS
–72.0
–73.6
–73.4
–73.2
–73.0
–72.8
–72.4
–72.2
–72.6
10
100
1k
FREQUENCY (kHz)
VDD = 2.35V
VDD = 3.6V
VDD = 5.25V
VDD = 4.75V
VDD = 2.7V
Figure 13. AD7921 SNR vs. Input Frequency at 250 kSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com