Electronic Components Datasheet Search
  English  ▼

X  

AD8108AST Datasheet(PDF) 23 Page - Analog Devices

Part # AD8108AST
Description  325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8108AST Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8108AST Datasheet HTML 19Page - Analog Devices AD8108AST Datasheet HTML 20Page - Analog Devices AD8108AST Datasheet HTML 21Page - Analog Devices AD8108AST Datasheet HTML 22Page - Analog Devices AD8108AST Datasheet HTML 23Page - Analog Devices AD8108AST Datasheet HTML 24Page - Analog Devices AD8108AST Datasheet HTML 25Page - Analog Devices AD8108AST Datasheet HTML 26Page - Analog Devices AD8108AST Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AD8108/AD8109
Rev. B | Page 22 of 32
CROSSTALK
Many systems, such as broadcast video, that handle numerous
analog signal channels have strict requirements for keeping the
various signals from influencing any of the others in the system.
Crosstalk is the term used to describe the coupling of the
signals of other nearby channels to a given channel.
When there are many signals in proximity in a system, as will
undoubtedly be the case in a system that uses the AD8108/
AD8109, the crosstalk issues can be quite complex. A good
understanding of the nature of crosstalk and some definition
of terms is required to specify a system that uses one or more
AD8108/AD8109s.
Types of Crosstalk
Crosstalk can be propagated by means of any of three methods.
These fall into the categories of electric field, magnetic field,
and sharing of common impedances. This section will explain
these effects.
Every conductor can be both a radiator of electric fields and a
receiver of electric fields. The electric field crosstalk mechanism
occurs when the electric field created by the transmitter
propagates across a stray capacitance (e.g., free space) and
couples with the receiver and induces a voltage. This voltage is
an unwanted crosstalk signal in any channel that receives it.
Currents flowing in conductors create magnetic fields that
circulate around the currents. These magnetic fields will then
generate voltages in any other conductors whose paths they
link. The undesired induced voltages in these other channels are
crosstalk signals. The channels that crosstalk can be said to have
a mutual inductance that couples signals from one channel to
another.
The power supplies, grounds, and other signal return paths of a
multichannel system are generally shared by the various
channels. When a current from one channel flows in one of
these paths, a voltage that is developed across the impedance
becomes an input crosstalk signal for other channels that share
the common impedance.
All these sources of crosstalk are vector quantities, so the
magnitudes cannot simply be added together to obtain the total
crosstalk. In fact, there are conditions where driving additional
circuits in parallel in a given configuration can actually reduce
the crosstalk.
Areas of Crosstalk
For a practical AD8108/AD8109 circuit, it is required that it be
mounted to some sort of circuit board to connect it to power
supplies and measurement equipment. Great care has been
taken to create a characterization board (also available as an
evaluation board) that adds minimum crosstalk to the intrinsic
device. This, however, raises the issue that a system’s crosstalk is
a combination of the intrinsic crosstalk of the devices in
addition to the circuit board to which they are mounted. It is
important to try to separate these two areas of crosstalk when
attempting to minimize its effect.
In addition, crosstalk can occur among the inputs to a
crosspoint and among the outputs. It can also occur from input
to output. Techniques will be discussed for diagnosing which
part of a system is contributing to crosstalk.
Measuring Crosstalk
Crosstalk is measured by applying a signal to one or more
channels and measuring the relative strength of that signal on a
desired selected channel. The measurement is usually expressed
as dB down from the magnitude of the test signal. The crosstalk
is expressed by:
()
()
(
)
s
Atest
s
Asel
XT
10
log
20
=
where
s = jω is the Laplace transform variable, Asel(s) is the
amplitude of the crosstalk-induced signal in the selected
channel, and
Atest(s) is the amplitude of the test signal. It can be
seen that crosstalk is a function of frequency, but not a function
of the magnitude of the test signal (to first order). In addition,
the crosstalk signal will have a phase relative to the test signal
associated with it.
A network analyzer is most commonly used to measure
crosstalk over a frequency range of interest. It can provide both
magnitude and phase information about the crosstalk signal.
As a crosspoint system or device grows larger, the number of
theoretical crosstalk combinations and permutations can
become extremely large. For example, in the case of the 8 × 8
matrix of the AD8108/AD8109, we can examine the number of
crosstalk terms that can be considered for a single channel, say
IN00 input. IN00 is programmed to connect to one of the
AD8108/AD8109 outputs where the measurement can be made.
We can first measure the crosstalk terms associated with driving
a test signal into each of the other seven inputs one at a time.
We can then measure the crosstalk terms associated with
driving a parallel test signal into all seven other inputs taken
two at a time in all possible combinations, and then three at a
time, etc., until there is only one way to drive a test signal into
all seven other inputs.
Each of these cases is legitimately different from the others and
might yield a unique value depending on the resolution of the
measurement system, but it is hardly practical to measure all
these terms and then to specify them. In addition, this describes
the crosstalk matrix for just one input channel. A similar
crosstalk matrix can be proposed for every other input. In
addition, if the possible combinations and permutations for
connecting inputs to the other (not used for measurement)
outputs are taken into consideration, the numbers rather



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com