Electronic Components Datasheet Search
  English  ▼

X  

OPA657 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA657
Description  Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA657 Datasheet(HTML) 2 Page - Texas Instruments

  OPA657 Datasheet HTML 1Page - Texas Instruments OPA657 Datasheet HTML 2Page - Texas Instruments OPA657 Datasheet HTML 3Page - Texas Instruments OPA657 Datasheet HTML 4Page - Texas Instruments OPA657 Datasheet HTML 5Page - Texas Instruments OPA657 Datasheet HTML 6Page - Texas Instruments OPA657 Datasheet HTML 7Page - Texas Instruments OPA657 Datasheet HTML 8Page - Texas Instruments OPA657 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
OPA656
2
SBOS196G
www.ti.com
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER(2)
MEDIA, QUANTITY
OPA656U
SO-8 Surface Mount
D
–40
°C to +85°C
OPA656U
OPA656U
Rails, 100
""
"
"
"
OPA656U/2K5
Tape and Reel, 2500
OPA656UB
SO-8 Surface Mount
D
–40
°C to +85°C
OPA656UB
OPA656UB
Rails, 100
""
"
"
"
OPA656UB/2K5
Tape and Reel, 2500
OPA656N
SOT23-5
DBV
–40
°C to +85°C
B56
OPA656N/250
Tape and Reel, 250
""
"
"
"
OPA656N/3K
Tape and Reel, 3000
OPA656NB
SOT23-5
DBV
–40
°C to +85°C
B56
OPA656NB/250
Tape and Reel, 250
""
"
"
"
OPA656NB/3K
Tape and Reel, 3000
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at
www.ti.com. (2) UB and NB are high grade, while U and N are standard grade.
PACKAGE/ORDERING INFORMATION(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage .................................................................................
±6.5V
Internal Power Dissipation ........................... See Thermal Characteristics
Differential Input Voltage .....................................................................
±V
S
Input Voltage Range ............................................................................
±V
S
Storage Temperature Range ......................................... –65
°C to +125°C
Lead Temperature ......................................................................... +260
°C
Junction Temperature (TJ ) ........................................................... +150°C
ESD Rating (Human Body Model) .................................................. 2000V
(Machine Model) ............................................................ 200V
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those specified is not implied.
PIN CONFIGURATIONS
Top View
SO
Top View
SOT23
1
2
3
4
8
7
6
5
NC
+V
S
Output
NC
NC
Inverting Input
Noninverting Input
–V
S
1
2
3
5
4
+V
S
Inverting Input
Output
–V
S
Noninverting Input
B56
Pin Orientation/Package Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com