| Electronic Components Datasheet Search |
|
EP3SL70 Datasheet(PDF) 46 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP3SL70 Datasheet(HTML) 46 Page - Altera Corporation |
|
46 / 341 page ![]() 1–36 Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics I/O Timing Stratix III Device Handbook, Volume 2 © July 2010 Altera Corporation I/O Default Capacitive Loading Table 1–38 lists the default capacitive loading of various I/O standards. MINI-LVDS_E_1R — 100 — 120 2.325 2.325 1.02 — 0 1.1625 MINI-LVDS_E_3R 120 100 — 170 2.325 2.325 1.02 — 0 1.1625 RSDS_E_1R — 100 — 120 2.325 2.325 1.02 — 0 1.1625 RSDS_E_3R 120 100 — 170 2.325 2.325 1.02 — 0 1.1625 Notes to Table 1–37: (1) Hyper transport is not supported by Stratix III devices. (2) LVPECL outputs are not supported by Stratix III devices. (3) You can change the Quartus II timing conditions using the Advanced I/O Timing feature. (4) V CC is nominally 1.1 V less 50 mV (1.05 V). (5) Terminated I/O standards require an additional 30 mV IR drop on V CC (1.02 V). (6) Terminated I/O standards require an additional 50 mV IR drop on V CCIO and VCCPD. Table 1–37. Output Timing Measurement Methodology for Output Pins (Part 3 of 3) I/O Standard Loading and Termination Measurement Point R S R D R T R P V CCIO V CCPD V CC V TT C L (pF) V MEAS (v) Table 1–38. Default Loading of Various I/O Standards for Stratix III Devices (Part 1 of 2) I/O Standard Capacitive Load Unit 3.3-V LVTTL 0 pF 3.3-V LVCMOS 0 pF 3.0-V LVTTL 0 pF 3.0-V LVCMOS 0 pF 2.5-V LVTTL/LVCMOS 0 pF 1.8-V LVTTL/LVCMOS 0 pF 1.5-V LVTTL/LVCMOS 0 pF 3.0-V PCI 10 pF 3.0-V PCI-X 10 pF SSTL-2 CLASS I 0 pF SSTL-2 CLASS II 0 pF SSTL-18 CLASS I 0 pF SSTL-18 CLASS II 0 pF 1.5-V HSTL CLASS I 0 pF 1.5-V HSTL CLASS II 0 pF 1.8-V HSTL CLASS I 0 pF 1.8-V HSTL CLASS II 0 pF 1.2-V HSTL 0 pF Differential SSTL-2 CLASS I 0 pF Differential SSTL-2 CLASS II 0 pF Differential SSTL-18 CLASS I 0 pF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |