Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 199 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 199 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 195Page - Altera Corporation EP3SL150 Datasheet HTML 196Page - Altera Corporation EP3SL150 Datasheet HTML 197Page - Altera Corporation EP3SL150 Datasheet HTML 198Page - Altera Corporation EP3SL150 Datasheet HTML 199Page - Altera Corporation EP3SL150 Datasheet HTML 200Page - Altera Corporation EP3SL150 Datasheet HTML 201Page - Altera Corporation EP3SL150 Datasheet HTML 202Page - Altera Corporation EP3SL150 Datasheet HTML 203Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–189
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
SSTL-18
CLASS I
4mA
GCLK
tco
3.375
3.598
5.289
5.499 6.054 5.911 6.297 5.651 6.181 6.034 6.376
ns
GCLK
PLL
t
co
1.418
1.581
2.046
2.163 2.375 2.386 2.405 2.260 2.477 2.482 2.393
ns
6mA
GCLK
t
co
3.370
3.593
5.287
5.498 6.052 5.909 6.295 5.649 6.179 6.032 6.374
ns
GCLK
PLL
tco
1.413
1.576
2.044
2.162 2.373 2.384 2.403 2.258 2.475 2.480 2.391
ns
8mA
GCLK
t
co
3.359
3.582
5.277
5.488 6.035 5.895 6.278 5.640 6.163 6.023 6.358
ns
GCLK
PLL
t
co
1.402
1.565
2.034
2.152 2.356 2.367 2.386 2.249 2.459 2.464 2.375
ns
10mA
GCLK
t
co
3.348
3.571
5.264
5.475 6.020 5.882 6.263 5.628 6.148 6.011 6.343
ns
GCLK
PLL
t
co
1.391
1.554
2.021
2.139 2.341 2.352 2.371 2.237 2.444 2.449 2.360
ns
12mA
GCLK
tco
3.348
3.570
5.264
5.475 6.019 5.882 6.262 5.627 6.147 6.011 6.342
ns
GCLK
PLL
t
co
1.391
1.553
2.021
2.139 2.340 2.351 2.370 2.236 2.443 2.448 2.359
ns
SSTL-18
CLASS II
8mA
GCLK
t
co
3.356
3.577
5.263
5.472 6.013 5.877 6.256 5.623 6.140 6.005 6.335
ns
GCLK
PLL
t
co
1.399
1.560
2.020
2.136 2.334 2.345 2.364 2.232 2.436 2.441 2.352
ns
16mA
GCLK
t
co
3.357
3.580
5.269
5.480 6.015 5.887 6.258 5.632 6.144 6.016 6.339
ns
GCLK
PLL
t
co
1.400
1.563
2.026
2.144 2.336 2.347 2.366 2.241 2.440 2.445 2.356
ns
SSTL-15
CLASS I
4mA
GCLK
t
co
3.378
3.601
5.298
5.510 6.071 5.928 6.314 5.661 6.197 6.046 6.392
ns
GCLK
PLL
t
co
1.421
1.584
2.055
2.174 2.392 2.403 2.422 2.270 2.493 2.498 2.409
ns
6mA
GCLK
tco
3.364
3.587
5.287
5.500 6.054 5.911 6.297 5.652 6.181 6.037 6.376
ns
GCLK
PLL
t
co
1.407
1.570
2.044
2.164 2.375 2.386 2.405 2.261 2.477 2.482 2.393
ns
8mA
GCLK
t
co
3.353
3.575
5.274
5.487 6.036 5.896 6.279 5.639 6.164 6.024 6.359
ns
GCLK
PLL
t
co
1.396
1.558
2.031
2.151 2.357 2.368 2.387 2.248 2.460 2.465 2.376
ns
Table 1–94. EP3SL340 Row Pins Output Timing Parameters (Part 3 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com