Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 201 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 201 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 197Page - Altera Corporation EP3SL150 Datasheet HTML 198Page - Altera Corporation EP3SL150 Datasheet HTML 199Page - Altera Corporation EP3SL150 Datasheet HTML 200Page - Altera Corporation EP3SL150 Datasheet HTML 201Page - Altera Corporation EP3SL150 Datasheet HTML 202Page - Altera Corporation EP3SL150 Datasheet HTML 203Page - Altera Corporation EP3SL150 Datasheet HTML 204Page - Altera Corporation EP3SL150 Datasheet HTML 205Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–191
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–95 through Table 1–98 list the maximum I/O timing parameters for EP3SL340
devices for differential I/O standards.
Table 1–95 lists the EP3SL340 column pins input timing parameters for differential
I/O standards.
Table 1–95. EP3SL340 Column Pins Input Timing Parameters (Part 1 of 2)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS
GCLK
t
su
-1.278
-1.335
-1.674 -1.607 -1.788 -1.721 -2.204 -1.580 -2.013 -1.689 -2.242
ns
t
h
1.414
1.489
1.926
1.873
2.080
2.002
2.485
1.857
2.327
1.981
2.527
ns
GCLK
PLL
t
su
0.857
0.885
1.872
2.050
2.211
2.107
1.975
2.104
2.409
2.165
2.031
ns
th
-0.582
-0.589
-1.382 -1.537 -1.640 -1.565 -1.423 -1.579 -1.804 -1.612 -1.474
ns
MINI-LVDS
GCLK
t
su
-1.278
-1.335
-1.674 -1.607 -1.788 -1.721 -2.204 -1.580 -2.013 -1.689 -2.242
ns
t
h
1.414
1.489
1.926
1.873
2.080
2.002
2.485
1.857
2.327
1.981
2.527
ns
GCLK
PLL
t
su
0.857
0.885
1.872
2.050
2.211
2.107
1.975
2.104
2.409
2.165
2.031
ns
t
h
-0.582
-0.589
-1.382 -1.537 -1.640 -1.565 -1.423 -1.579 -1.804 -1.612 -1.474
ns
RSDS
GCLK
tsu
-1.278
-1.335
-1.674 -1.607 -1.788 -1.721 -2.204 -1.580 -2.013 -1.689 -2.242
ns
t
h
1.414
1.489
1.926
1.873
2.080
2.002
2.485
1.857
2.327
1.981
2.527
ns
GCLK
PLL
t
su
0.857
0.885
1.872
2.050
2.211
2.107
1.975
2.104
2.409
2.165
2.031
ns
t
h
-0.582
-0.589
-1.382 -1.537 -1.640 -1.565 -1.423 -1.579 -1.804 -1.612 -1.474
ns
DIFFERENTIAL
1.2-V HSTL
CLASS I
GCLK
t
su
-1.094
-1.158
-1.787 -1.806 -1.947 -1.875 -2.353 -1.815 -1.953 -1.887 -2.396
ns
t
h
1.223
1.304
2.006
2.032
2.193
2.110
2.589
2.050
2.208
2.131
2.636
ns
GCLK
PLL
t
su
1.041
1.062
1.759
1.851
2.052
1.953
1.826
1.869
2.073
1.967
1.877
ns
th
-0.773
-0.774
-1.302 -1.378 -1.527 -1.457 -1.319 -1.386 -1.537 -1.462 -1.365
ns
DIFFERENTIAL
1.2-V HSTL
CLASS II
GCLK
t
su
-1.094
-1.158
-1.787 -1.806 -1.947 -1.875 -2.353 -1.815 -1.953 -1.887 -2.396
ns
t
h
1.223
1.304
2.006
2.032
2.193
2.110
2.589
2.050
2.208
2.131
2.636
ns
GCLK
PLL
t
su
1.041
1.062
1.759
1.851
2.052
1.953
1.826
1.869
2.073
1.967
1.877
ns
t
h
-0.773
-0.774
-1.302 -1.378 -1.527 -1.457 -1.319 -1.386 -1.537 -1.462 -1.365
ns
DIFFERENTIAL
1.5-V HSTL
CLASS I
GCLK
tsu
-1.102
-1.170
-1.797 -1.817 -1.963 -1.891 -2.369 -1.826 -1.968 -1.902 -2.411
ns
t
h
1.231
1.316
2.016
2.043
2.209
2.126
2.605
2.061
2.223
2.146
2.651
ns
GCLK
PLL
t
su
1.033
1.050
1.749
1.840
2.036
1.937
1.810
1.858
2.058
1.952
1.862
ns
t
h
-0.765
-0.762
-1.292 -1.367 -1.511 -1.441 -1.303 -1.375 -1.522 -1.447 -1.350
ns
DIFFERENTIAL
1.5-V HSTL
CLASS II
GCLK
t
su
-1.102
-1.170
-1.797 -1.817 -1.963 -1.891 -2.369 -1.826 -1.968 -1.902 -2.411
ns
t
h
1.231
1.316
2.016
2.043
2.209
2.126
2.605
2.061
2.223
2.146
2.651
ns
GCLK
PLL
t
su
1.033
1.050
1.749
1.840
2.036
1.937
1.810
1.858
2.058
1.952
1.862
ns
th
-0.765
-0.762
-1.292 -1.367 -1.511 -1.441 -1.303 -1.375 -1.522 -1.447 -1.350
ns
DIFFERENTIAL
1.8-V HSTL
CLASS I
GCLK
t
su
-1.114
-1.181
-1.806 -1.828 -1.982 -1.910 -2.388 -1.837 -1.986 -1.920 -2.429
ns
t
h
1.243
1.327
2.025
2.054
2.228
2.145
2.624
2.072
2.241
2.164
2.669
ns
GCLK
PLL
t
su
1.021
1.039
1.740
1.829
2.017
1.918
1.791
1.847
2.040
1.934
1.844
ns
t
h
-0.753
-0.751
-1.283 -1.356 -1.492 -1.422 -1.284 -1.364 -1.504 -1.429 -1.332
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com